Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM6421 Datasheet(PDF) 144 Page - Texas Instruments

Click here to check the latest version.
Part # AM6421
Description  AM64x Sitara Processors
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6421 Datasheet(HTML) 144 Page - Texas Instruments

Back Button AM6421 Datasheet HTML 140Page - Texas Instruments AM6421 Datasheet HTML 141Page - Texas Instruments AM6421 Datasheet HTML 142Page - Texas Instruments AM6421 Datasheet HTML 143Page - Texas Instruments AM6421 Datasheet HTML 144Page - Texas Instruments AM6421 Datasheet HTML 145Page - Texas Instruments AM6421 Datasheet HTML 146Page - Texas Instruments AM6421 Datasheet HTML 147Page - Texas Instruments AM6421 Datasheet HTML 148Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 237 page
background image
FSI_RXn_CLK
FSIR2
FSIR1
FSIR3
FSI_RXn_D0
FSI_RXn_D1
FSIR4
FSIR2
Figure 7-34. FSI Timing Requirements
Table 7-42. FSI Switching Characteristics - FSI Mode
see Figure 7-35
NO.
PARAMETER
MODE
MIN
MAX
UNIT
FSIT1 tc(TX_CLK)
Cycle time, FSI_TXn_CLK
FSI Mode
20
ns
FSIT2 tw(TX_CLK)
Pulse width, FSI_TXn_CLK low or FSI_TXn_CLK high
FSI Mode
0.5p + 1
(1)
0.5P - 1
(1)
ns
FSIT3 td(TX_CLK-TX_D)
Delay time, FSI_TXn_D[1:0] valid after FSI_TXn_CLK
high or FSI_TXn_CLK low
FSI Mode
0.25P - 2
(1)
0.25P +
2.5
(1)
ns
(1)
P = FSI_TXn_CLK period in ns.
FSI_TXn_CLK
FSIT2
FSIT1
FSIT3
FSI_TXn_D0
FSI_TXn_D1
FSIT2
FSIT1
Figure 7-35. FSI Switching Characteristics - FSI Mode
Table 7-43. FSI Switching Characteristics - SPI Mode
see Figure 7-36
NO.
PARAMETER
MODE
MIN
MAX
UNIT
FSIT4 tc(TX_CLK)
Cycle time, FSI_TXn_CLK
SPI Mode
20
ns
FSIT5 tw(TX_CLK)
Pulse width, FSI_TXn_CLK low or FSI_TXn_CLK high
SPI Mode
0.5P + 1
(1)
0.5P - 1
(1)
ns
FSIT6 td(TX_CLKH-TX_D0)
Delay time, FSI_TXn_CLK high to FSI_TXn_D0 valid
SPI Mode
3
ns
FSIT7 td(TX_D1-TX_CLK)
Delay time, FSI_TXn_D1 low to FSI_TXn_CLK high
SPI Mode
P - 3
(1)
ns
FSIT8 td(TX_CLK-TX_D1)
Delay time, FSI_TXn_CLK low to FSI_TXn_D1 high
SPI Mode
P - 2
(1)
ns
(1)
P = FSI_TXn_CLK period in ns.
AM6442, AM6441, AM6421
AM6412, AM6411
SPRSP56 – JANUARY 2021
www.ti.com
144
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: AM6442 AM6441 AM6421 AM6412 AM6411



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com