Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM6421 Datasheet(PDF) 174 Page - Texas Instruments

Click here to check the latest version.
Part # AM6421
Description  AM64x Sitara Processors
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6421 Datasheet(HTML) 174 Page - Texas Instruments

Back Button AM6421 Datasheet HTML 170Page - Texas Instruments AM6421 Datasheet HTML 171Page - Texas Instruments AM6421 Datasheet HTML 172Page - Texas Instruments AM6421 Datasheet HTML 173Page - Texas Instruments AM6421 Datasheet HTML 174Page - Texas Instruments AM6421 Datasheet HTML 175Page - Texas Instruments AM6421 Datasheet HTML 176Page - Texas Instruments AM6421 Datasheet HTML 177Page - Texas Instruments AM6421 Datasheet HTML 178Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 237 page
background image
• Legacy speed
• High speed SDR
• High speed DDR
• HS200
Table 7-55 presents the required DLL software configuration settings for MMC0 timing modes.
Table 7-55. MMC0 DLL Delay Mapping for All Timing Modes
REGISTER NAME
MMCSD0_SS_PHY_CTRL_4_REG
MMCSD0_SS_PHY_CTRL_5_REG
BIT FIELD
[31:24]
[20]
[15:12]
[8]
[4:0]
[17:16]
[10:8]
[2:0]
BIT FIELD NAME
STRBSEL
OTAPDLYENA
OTAPDLYSEL
ITAPDLYENA
ITAPDLYSEL
SELDLYTXCLK
SELDLYRXCLK
FRQSEL
CLKBUFSEL
MODE
DESCRIPTION
STROBE
DELAY
OUTPUT
DELAY
ENABLE
OUTPUT
DELAY
VALUE
INPUT
DELAY
ENABLE
INPUT
DELAY
VALUE
DLL
DELAY CHAIN
SELECT
DLL REF
FREQUENCY
DELAY
BUFFER
DURATION
Legacy
SDR
8-bit PHY
operating 1.8 V,
25 MHz
0x0
0x0
NA
0x1
0x10
0x1
0x0
0x7
High
Speed
SDR
8-bit PHY
operating 1.8 V,
50 MHz
0x0
0x0
NA
0x1
0xA
0x1
0x0
0x7
High
Speed
DDR
8-bit PHY
operating 1.8 V,
50 MHz
0x0
0x1
0x6
0x1
0x3
0x0
0x4
0x7
HS200
8-bit PHY
operating 1.8 V,
200 MHz
0x0
0x1
0x7
0x1
Tuning
0x0
0x0
0x7
Table 7-56 presents timing conditions for MMC0.
Table 7-56. MMC0 Timing Conditions
PARAMETER
MIN
MAX UNIT
INPUT CONDITIONS
SRI
Input slew rate
Legacy SDR
0.14
1.44
V/ns
High Speed SDR
0.3
0.9
V/ns
High Speed DDR (CMD)
0.3
0.9
V/ns
High Speed DDR (DAT[7:0])
0.45
0.9
V/ns
OUTPUT CONDITIONS
CL
Output load capacitance
Legacy SDR
1
12
pF
High Speed SDR
1
12
pF
High Speed DDR
1
12
pF
HS200
1
6
pF
PCB CONNECTIVITY REQUIREMENTS
td(Trace Delay)
Propagation delay of each trace
All modes
126
756
ps
td(Trace Mismatch
Delay)
Propagation delay mismatch across all
traces
Legacy SDR, High Speed SDR
100
ps
High Speed DDR, HS200
8
ps
7.10.5.12.1.1 Legacy SDR Mode
Table 7-57, Figure 7-57, Table 7-58, and Figure 7-58 present timing requirements and switching characteristics
for MMC0 – Legacy SDR Mode.
Table 7-57. MMC0 Timing Requirements – Legacy SDR Mode
see Figure 7-57
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
SSDR5
tsu(cmdV-clkH)
Setup time, MMC0_CMD valid before MMC0_CLK rising edge
9.69
ns
SSDR6
th(clkH-cmdV)
Hold time, MMC0_CMD valid after MMC0_CLK rising edge
27.97
ns
SSDR7
tsu(dV-clkH)
Setup time, MMC0_DAT[7:0] valid before MMC0_CLK rising edge
9.69
ns
AM6442, AM6441, AM6421
AM6412, AM6411
SPRSP56 – JANUARY 2021
www.ti.com
174
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: AM6442 AM6441 AM6421 AM6412 AM6411



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com