Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM6421 Datasheet(PDF) 175 Page - Texas Instruments

Click here to check the latest version.
Part # AM6421
Description  AM64x Sitara Processors
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6421 Datasheet(HTML) 175 Page - Texas Instruments

Back Button AM6421 Datasheet HTML 171Page - Texas Instruments AM6421 Datasheet HTML 172Page - Texas Instruments AM6421 Datasheet HTML 173Page - Texas Instruments AM6421 Datasheet HTML 174Page - Texas Instruments AM6421 Datasheet HTML 175Page - Texas Instruments AM6421 Datasheet HTML 176Page - Texas Instruments AM6421 Datasheet HTML 177Page - Texas Instruments AM6421 Datasheet HTML 178Page - Texas Instruments AM6421 Datasheet HTML 179Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 175 / 237 page
background image
Table 7-57. MMC0 Timing Requirements – Legacy SDR Mode (continued)
see Figure 7-57
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
SSDR8
th(clkH-dV)
Hold time, MMC0_DAT[7:0] valid after MMC0_CLK rising edge
27.97
ns
Figure 7-57. MMC0 – Legacy SDR – Receive Mode
Table 7-58. MMC0 Switching Characteristics – Legacy SDR Mode
see Figure 7-58
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
fop(clk)
Operating frequency, MMC0_CLK
25
MHz
SSDR1
tc(clk)
Cycle time, MMC0_CLK
40
ns
SSDR2H
tw(clkH)
Pulse duration, MMC0_CLK high
18.7
ns
SSDR2L
tw(clkL)
Pulse duration, MMC0_CLK low
18.7
ns
SSDR3
td(clkL-cmdV)
Delay time, MMC0_CLK falling edge to MMC0_CMD transition
-16.1
16.1
ns
SSDR4
td(clkL-dV)
Delay time, MMC0_CLK falling edge to MMC0_DAT[7:0] transition
-16.1
16.1
ns
SSDR2L
MMC0_CLK
MMC0_CMD
MMC0_DAT[7:0]
SSDR1
SSDR2H
SSDR3
SSDR4
J7_MMC0_TIMING_02
Figure 7-58. MMC0 – Legacy SDR – Transmit Mode
7.10.5.12.1.2 High Speed SDR Mode
Table 7-59, Figure 7-59, Table 7-60, and Figure 7-60 present timing requirements and switching characteristics
for MMC0 – High Speed SDR Mode.
www.ti.com
AM6442, AM6441, AM6421
AM6412, AM6411
SPRSP56 – JANUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
175
Product Folder Links: AM6442 AM6441 AM6421 AM6412 AM6411



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com