Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM6421 Datasheet(PDF) 178 Page - Texas Instruments

Click here to check the latest version.
Part # AM6421
Description  AM64x Sitara Processors
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6421 Datasheet(HTML) 178 Page - Texas Instruments

Back Button AM6421 Datasheet HTML 174Page - Texas Instruments AM6421 Datasheet HTML 175Page - Texas Instruments AM6421 Datasheet HTML 176Page - Texas Instruments AM6421 Datasheet HTML 177Page - Texas Instruments AM6421 Datasheet HTML 178Page - Texas Instruments AM6421 Datasheet HTML 179Page - Texas Instruments AM6421 Datasheet HTML 180Page - Texas Instruments AM6421 Datasheet HTML 181Page - Texas Instruments AM6421 Datasheet HTML 182Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 237 page
background image
Table 7-63. MMC0 Switching Characteristics – HS200 Mode (continued)
see Figure 7-63
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
HS2002L
tw(clkL)
Pulse duration, MMC0_CLK low
2.08
ns
HS2005
td(clkL-cmdV)
Delay time, MMC0_CLK rising edge to MMC0_CMD transition
0.99
3.28
ns
HS2006
td(clkL-dV)
Delay time, MMC0_CLK rising edge to MMC0_DAT[7:0] transition
0.99
3.28
ns
MMC0 CLK
_
MMC0 CMD
_
MMC0 DAT[7:0]
_
HS2005
HS2005
HS2006
HS2006
HS2001
HS2002H
HS2002L
J7_MMC0_TIMING_07
Figure 7-63. MMC0 – HS200 Mode – Transmit Mode
7.10.5.12.2 MMC1 - SD/SDIO Interface
MMC1 interface is compliant with the SD Host Controller Standard Specification 4.10 and SD Physical Layer
Specification v3.01 as well as SDIO Specification v3.00 and it supports the following SD Card applications:
• Default speed
• High speed
• UHS–I SDR12
• UHS–I SDR25
• UHS–I SDR50
• UHS–I SDR104
• UHS–I DDR50
Table 7-64 presents the required DLL software configuration settings for MMC1 timing modes.
Table 7-64. MMC1 DLL Delay Mapping for All Timing Modes
REGISTER NAME
MMCSD1_SS_PHY_CTRL_4_REG
MMCSD1_SS_PHY_CTRL_5_REG
BIT FIELD
[20]
[15:12]
[8]
[4:0]
[2:0]
BIT FIELD NAME
OTAPDLYENA OTAPDLYSEL ITAPDLYENA
ITAPDLYSEL
CLKBUFSEL
MODE
DESCRIPTION
DELAY
ENABLE
DELAY
VALUE
INPUT
DELAY
ENABLE
INPUT
DELAY
VALUE
DELAY
BUFFER
DURATION
Default
Speed
4-bit PHY operating
3.3 V, 25 MHz
0x0
0x0
0x1
0x0
0x7
High
Speed
4-bit PHY operating
3.3 V, 50 MHz
0x0
0x0
0x1
0x0
0x7
UHS-I
SDR12
4-bit PHY operating
1.8 V, 25 MHz
0x1
0xF
0x1
0x0
0x7
UHS-I
SDR25
4-bit PHY operating
1.8 V, 50 MHz
0x1
0xF
0x1
0x0
0x7
UHS-I
SDR50
4-bit PHY operating
1.8 V, 100 MHz
0x1
0xC
0x1
Tuning
0x7
UHS-I
DR50
4-bit PHY operating
1.8 V, 50 MHz
0x1
0x9
0x1
Tuning
0x7
UHS-I
SDR104
4-bit PHY operating
1.8, V 200 MHz
0x1
0x6
0x1
Tuning
0x7
AM6442, AM6441, AM6421
AM6412, AM6411
SPRSP56 – JANUARY 2021
www.ti.com
178
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: AM6442 AM6441 AM6421 AM6412 AM6411



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com