Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM6421 Datasheet(PDF) 180 Page - Texas Instruments

Click here to check the latest version.
Part # AM6421
Description  AM64x Sitara Processors
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6421 Datasheet(HTML) 180 Page - Texas Instruments

Back Button AM6421 Datasheet HTML 176Page - Texas Instruments AM6421 Datasheet HTML 177Page - Texas Instruments AM6421 Datasheet HTML 178Page - Texas Instruments AM6421 Datasheet HTML 179Page - Texas Instruments AM6421 Datasheet HTML 180Page - Texas Instruments AM6421 Datasheet HTML 181Page - Texas Instruments AM6421 Datasheet HTML 182Page - Texas Instruments AM6421 Datasheet HTML 183Page - Texas Instruments AM6421 Datasheet HTML 184Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 180 / 237 page
background image
Table 7-67. Switching Characteristics for MMC1 – Default Speed Mode (continued)
see Figure 7-65
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
DSSD4
td(clkL-dV)
Delay time, MMC1_CLK falling edge to MMC1_DAT[3:0] transition
- 14.1
14.1
ns
DSSD2
DSSD1
DSSD0
DSSD3
DSSD4
MMCi_CLK
MMCi_CMD
MMCi_DAT[j:0]
MMC1_02
Figure 7-65. MMC1 – Default Speed – Transmit Mode
7.10.5.12.2.2 High Speed Mode
Table 7-68, Figure 7-66, Table 7-69, and Figure 7-67 present timing requirements and switching characteristics
for MMC1 – High Speed Mode.
Table 7-68. Timing Requirements for MMC1 – High Speed Mode
see Figure 7-66
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
HSSD3
tsu(cmdV-clkH)
Setup time, MMC1_CMD valid before MMC1_CLK rising edge
2.55
ns
HSSD4
th(clkH-cmdV)
Hold time, MMC1_CMD valid after MMC1_CLK rising edge
2.67
ns
HSSD7
tsu(dV-clkH)
Setup time, MMC1_DAT[3:0] valid before MMC1_CLK rising edge
2.55
ns
HSSD8
th(clkH-dV)
Hold time, MMC1_DAT[3:0] valid after MMC1_CLK rising edge
2.67
ns
MMCi_CLK
MMCi_CMD
MMCi_DAT[j:0]
HSSD1
HSSD2L
HSSD2H
HSSD3
HSSD4
HSSD7
HSSD8
MMC1_03
Figure 7-66. MMC1 – High Speed – Receive Mode
Table 7-69. Switching Characteristics for MMC1 – High Speed Mode
see Figure 7-67
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
fop(clk)
Operating frequency, MMC1_CLK
50
MHz
HSSD1
tc(clk)
Cycle time. MMC1_CLK
20
ns
HSSD2H
tw(clkH)
Pulse duration, MMC1_CLK high
9.2
ns
HSSD2L
tw(clkL)
Pulse duration, MMC1_CLK low
9.2
ns
HSSD5
td(clkL-cmdV)
Delay time, MMC1_CLK falling edge to MMC1_CMD transition
-7.35
3.35
ns
AM6442, AM6441, AM6421
AM6412, AM6411
SPRSP56 – JANUARY 2021
www.ti.com
180
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: AM6442 AM6441 AM6421 AM6412 AM6411



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com