Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM6421 Datasheet(PDF) 184 Page - Texas Instruments

Click here to check the latest version.
Part # AM6421
Description  AM64x Sitara Processors
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6421 Datasheet(HTML) 184 Page - Texas Instruments

Back Button AM6421 Datasheet HTML 180Page - Texas Instruments AM6421 Datasheet HTML 181Page - Texas Instruments AM6421 Datasheet HTML 182Page - Texas Instruments AM6421 Datasheet HTML 183Page - Texas Instruments AM6421 Datasheet HTML 184Page - Texas Instruments AM6421 Datasheet HTML 185Page - Texas Instruments AM6421 Datasheet HTML 186Page - Texas Instruments AM6421 Datasheet HTML 187Page - Texas Instruments AM6421 Datasheet HTML 188Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 184 / 237 page
background image
MMCi CLK
_
MMCi CMD
_
MMCi DATj
_
[ :0]
DDR500
DDR501
DDR502
DDR505
DDR506
DDR508
DDR507
DDR507
DDR508
MMC1_13
Figure 7-73. MMC1 – UHS-I DDR50 – Receive Mode
Table 7-76. Switching Characteristics for MMC1 – UHS-I DDR50 Mode
see Figure 7-74
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
fop(clk)
Operating frequency, MMC1_CLK
50
MHz
DDR500
tc(clk)
Cycle time, MMC1_CLK
20
ns
DDR501
tw(clkH)
Pulse duration, MMC1_CLK high
9.2
ns
DDR502
tw(clkL)
Pulse duration, MMC1_CLK low
9.2
ns
DDR503
td(clk-cmdV)
Delay time, MMC1_CLK rising edge to MMC1_CMD transition
1.2
13.1
ns
DDR504
td(clk-dV)
Delay time, MMC1_CLK transition to MMC1_DAT[3:0] transition
1.2
6.35
ns
MMCi CLK
_
MMCi CMD
_
MMCi DATj
_
[ :0]
DDR500
DDR501
DDR502
DDR503(max)
DDR503(min)
DDR504(max)
DDR504(min)
DDR504(min)
DDR504(max)
MMC1_14
Figure 7-74. MMC1 – UHS-I DDR50 – Transmit Mode
7.10.5.12.2.7 UHS–I SDR104 Mode
Table 7-77, and Figure 7-75 present switching characteristics for MMC1 – UHS-I SDR104 Mode.
Table 7-77. Switching Characteristics for MMC1 – UHS-I SDR104 Mode
see Figure 7-75
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
fop(clk)
Operating frequency, MMC1_CLK
200
MHz
SDR1041
tc(clk)
Cycle time, MMC1_CLK
5
ns
SDR1042H tw(clkH)
Pulse duration, MMC1_CLK high
2.08
ns
SDR1042L tw(clkL)
Pulse duration, MMC1_CLK low
2.08
ns
SDR1045
td(clkL-cmdV)
Delay time, MMC1_CLK rising edge to MMC1_CMD transition
1.12
3.16
ns
SDR1046
td(clkL-dV)
Delay time, MMC1_CLK rising edge to MMC1_DAT[3:0] transition
1.12
3.16
ns
AM6442, AM6441, AM6421
AM6412, AM6411
SPRSP56 – JANUARY 2021
www.ti.com
184
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: AM6442 AM6441 AM6421 AM6412 AM6411



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com