Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM6421 Datasheet(PDF) 185 Page - Texas Instruments

Click here to check the latest version.
Part # AM6421
Description  AM64x Sitara Processors
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6421 Datasheet(HTML) 185 Page - Texas Instruments

Back Button AM6421 Datasheet HTML 181Page - Texas Instruments AM6421 Datasheet HTML 182Page - Texas Instruments AM6421 Datasheet HTML 183Page - Texas Instruments AM6421 Datasheet HTML 184Page - Texas Instruments AM6421 Datasheet HTML 185Page - Texas Instruments AM6421 Datasheet HTML 186Page - Texas Instruments AM6421 Datasheet HTML 187Page - Texas Instruments AM6421 Datasheet HTML 188Page - Texas Instruments AM6421 Datasheet HTML 189Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 185 / 237 page
background image
MMCi_CLK
MMCi_CMD
MMCi_DAT[j:0]
SDR1041
SDR1042L
SDR1042H
SDR1045
SDR1046
SDR1045
SDR1046
MMC1_12
Figure 7-75. MMC1 – UHS-I SDR104 – Transmit Mode
7.10.5.13 CPTS
Table 7-78, Table 7-79, Figure 7-76, Table 7-80, and Figure 7-77 present timing conditions, requirements, and
switching characteristics for CPTS.
Table 7-78. CPTS Timing Conditions
PARAMETER
MIN
MAX
UNIT
INPUT CONDITIONS
SRI
Input slew rate
0.5
5
V/ns
OUTPUT CONDITIONS
CL
Output load capacitance
2
10
pF
Table 7-79. CPTS Timing Requirements
see Figure 7-76
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
T1
tw(HWTSPUSHH)
Pulse duration, CPTS_HWn_TS_PUSH high
2 + 12P
(1)
ns
T2
tw(HWTSPUSHL)
Pulse duration, CPTS_HWn_TS_PUSH low
2 + 12P
(1)
ns
T3
tc(RFT_CLK)
Cycle time, CPTS_RFT_CLK
5
8
ns
T4
tw(RFT_CLKH)
Pulse duration, CPTS_RFT_CLK high
0.45 ×
tc(RFT_CLK)
ns
T5
tw(RFT_CLKL)
Pulse duration, CPTS_RFT_CLK low
0.45 ×
tc(RFT_CLK)
ns
(1)
P = functional clock period in ns.
CPTS_RFT_CLK
T3
T4
T5
CPTS_HWn_TS_PUSH
T1
T2
Figure 7-76. CPTS Timing Requirements
Table 7-80. CPTS Switching Characteristics
see Figure 7-77
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
T6
tw(TS_COMPH)
Pulse duration, CPTS_TS_COMP high
-2+36P
(1)
ns
T7
tw(TS_COMPL)
Pulse duration, CPTS_TS_COMP low
-2+36P
(1)
ns
T10
tw(TS_SYNCH)
Pulse duration, CPTS_TS_SYNC high
-2+36P
(1)
ns
T11
tw(TS_SYNCL)
Pulse duration, CPTS_TS_SYNC low
-2+36P
(1)
ns
www.ti.com
AM6442, AM6441, AM6421
AM6412, AM6411
SPRSP56 – JANUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
185
Product Folder Links: AM6442 AM6441 AM6421 AM6412 AM6411



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com