Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM6421 Datasheet(PDF) 187 Page - Texas Instruments

Click here to check the latest version.
Part # AM6421
Description  AM64x Sitara Processors
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6421 Datasheet(HTML) 187 Page - Texas Instruments

Back Button AM6421 Datasheet HTML 183Page - Texas Instruments AM6421 Datasheet HTML 184Page - Texas Instruments AM6421 Datasheet HTML 185Page - Texas Instruments AM6421 Datasheet HTML 186Page - Texas Instruments AM6421 Datasheet HTML 187Page - Texas Instruments AM6421 Datasheet HTML 188Page - Texas Instruments AM6421 Datasheet HTML 189Page - Texas Instruments AM6421 Datasheet HTML 190Page - Texas Instruments AM6421 Datasheet HTML 191Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 237 page
background image
7.10.5.14.2.1 OSPI Switching Characteristics – DDR Mode
NO.(1) PARAMETER
DESCRIPTION
MODE
MIN
MAX
UNIT
O1
tc(CLK)
Cycle time, CLK
1.8V
19
ns
3.3V
19
ns
O2
tw(CLKL)
Pulse duration, CLK low
-0.3+0.475*P
(2)
ns
O3
tw(CLKH)
Pulse duration, CLK high
-0.3+0.475*P
(2)
ns
O4
td(CLK-CSn)
Delay time, CLK rising edge to CSn active edge
1.8V, OSPI0 DDR TX; -7.7-0.475 * P
– 0.975 * N *
R (3) (4) (5)
0-0.475 * P –
0.975 * N * R
(3) (4) (5)
ns
3.3V, OSPI0 DDR TX; -8-0.475 * P –
0.975 * N * R
(3) (4) (5)
0-0.475 * P –
0.975 * N * R
(3) (4) (5)
ns
O5
td(CLK-CSn)
Delay time, CLK rising edge to CSn inactive
edge
1.8V, OSPI0 DDR TX;
-7.7+0.475 *
P + 0.975 * N
* R (3) (4) (5)
0+0.475 * P +
0.975 * N * R
(3) (4) (5)
ns
3.3V, OSPI0 DDR TX;
-8+0.475 * P
+ 0.975 * N *
R (3) (4) (5)
0+0.475 * P +
0.975 * N * R
(3) (4) (5)
ns
O6
td(CLK-D)
Delay time, CLK active edge to D[i:0] transition
1.8V, OSPI0 DDR TX;
-7.7
-1.56
ns
3.3V, OSPI0 DDR TX;
-7.7
-1.56
ns
(1)
i in [i:0] = 7 for OSPI0
(2)
P = CLK cycle time
(3)
P = SCLK period
(4)
N = OSPI_DEV_DELAY_REG[7-0] D_INIT_FLD
(5)
R = refclk
OSPI_CLK
OSPI_TIMING_01
OSPI_CSn
O6
O6
O4
O3
O2
O1
O5
OSPI_D[i:0]
Figure 7-78. OSPI Switching Characteristics – DDR
7.10.5.14.2.2 OSPI Switching Characteristics – SDR Mode
NO.(1) PARAMETER
DESCRIPTION
MODE
MIN
MAX
UNIT
O7
tc(CLK)
Cycle time, CLK
1.8V
7
ns
3.3V
7.52
ns
O8
tw(CLKL)
Pulse duration, CLK low
-0.3+0.475*P
(2)
ns
O9
tw(CLKH)
Pulse duration, CLK high
-0.3+0.475*P
(2)
ns
www.ti.com
AM6442, AM6441, AM6421
AM6412, AM6411
SPRSP56 – JANUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
187
Product Folder Links: AM6442 AM6441 AM6421 AM6412 AM6411



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com