Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM6421 Datasheet(PDF) 186 Page - Texas Instruments

Click here to check the latest version.
Part # AM6421
Description  AM64x Sitara Processors
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6421 Datasheet(HTML) 186 Page - Texas Instruments

Back Button AM6421 Datasheet HTML 182Page - Texas Instruments AM6421 Datasheet HTML 183Page - Texas Instruments AM6421 Datasheet HTML 184Page - Texas Instruments AM6421 Datasheet HTML 185Page - Texas Instruments AM6421 Datasheet HTML 186Page - Texas Instruments AM6421 Datasheet HTML 187Page - Texas Instruments AM6421 Datasheet HTML 188Page - Texas Instruments AM6421 Datasheet HTML 189Page - Texas Instruments AM6421 Datasheet HTML 190Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 186 / 237 page
background image
Table 7-80. CPTS Switching Characteristics (continued)
see Figure 7-77
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
T14
tw(SYNC_OUTH)
Pulse duration, CPTS_TS_SYNC sourcing
CPTS_SYNCn_OUT high
-2+36P
(1)
ns
T15
tw(SYNC_OUTL)
Pulse duration, CPTS_TS_SYNC sourcing
CPTS_SYNCn_OUT low
-2+36P
(1)
ns
T16
tw(SYNC_OUTH)
Pulse duration, GENF sourcing CPTS_SYNCn_OUT high
-2+5P
(1)
ns
T17
tw(SYNC_OUTL)
Pulse duration, GENF sourcing CPTS_SYNCn_OUT low
-2+5P
(1)
ns
(1)
P = functional clock period in ns.
CPTS_TS_COMP
T6
T7
CPTS_TS_SYNC
T8
T9
CPTS_SYNC_OUT
T10
T11
Figure 7-77. CPTS Switching Characteristics
For more information, see Navigator Subsystem (NAVSS) section in Data Movement Architecture (DMA) chapter
in the device TRM.
7.10.5.14 OSPI
For more details about features and additional description information on the device Octal Serial Peripheral
Interface, see the corresponding sections within Section 6.3, Signal Descriptions and Section 8, Detailed
Description.
7.10.5.14.1 OSPI With Data Training
7.10.5.14.1.1 OSPI Switching Characteristics – Data Training
PARAMETER
DESCRIPTION
MODE
MIN
MAX
UNIT
tc(CLK)
Cycle time, CLK
DDR, 1.8V
6.02
ns
DDR, 3.3V
7.52
ns
tc(CLK)
Cycle time, CLK
SDR, 1.8V
5.00
ns
SDR, 3.3V
7.52
ns
7.10.5.14.2 OSPI Without Data Training
Note
The I/O Timings provided in this section are only applicable when data training is not implemented.
Additionally, the I/O Timings are valid only for some OSPI usage modes when the corresponding DLL
Delays are configured as described in Table 7-81 found in this section.
Section 7.10.5.14.2.1, Section 7.10.5.14.2.2, Figure 7-78, and Figure 7-79 present switching characteristics for
OSPI DDR and SDR Mode.
For more information, see Octal Serial Peripheral Interface (OSPI) section in Peripherals chapter in the device
TRM.
AM6442, AM6441, AM6421
AM6412, AM6411
SPRSP56 – JANUARY 2021
www.ti.com
186
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: AM6442 AM6441 AM6421 AM6412 AM6411



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com