Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM6421 Datasheet(PDF) 183 Page - Texas Instruments

Click here to check the latest version.
Part # AM6421
Description  AM64x Sitara Processors
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6421 Datasheet(HTML) 183 Page - Texas Instruments

Back Button AM6421 Datasheet HTML 179Page - Texas Instruments AM6421 Datasheet HTML 180Page - Texas Instruments AM6421 Datasheet HTML 181Page - Texas Instruments AM6421 Datasheet HTML 182Page - Texas Instruments AM6421 Datasheet HTML 183Page - Texas Instruments AM6421 Datasheet HTML 184Page - Texas Instruments AM6421 Datasheet HTML 185Page - Texas Instruments AM6421 Datasheet HTML 186Page - Texas Instruments AM6421 Datasheet HTML 187Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 237 page
background image
MMCi_CLK
MMCi_CMD
MMCi_DAT[j:0]
SDR251
SDR252L
SDR252H
HSSDR255
SDR256
SDR255
SDR256
MMC1_08
Figure 7-71. MMC1 – UHS-I SDR25 – Transmit Mode
7.10.5.12.2.5 UHS–I SDR50 Mode
, Table 7-74, and Figure 7-72 presents switching characteristics for MMC1 – UHS-I SDR50 Mode.
Table 7-74. Switching Characteristics for MMC1 – UHS-I SDR50 Mode
see Figure 7-72
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
fop(clk)
Operating frequency, MMC1_CLK
100
MHz
SDR501
tc(clk)
Cycle time, MMC1_CLK
10
ns
SDR502H tw(clkH)
Pulse duration, MMC1_CLK high
4.45
ns
SDR502L
tw(clkL)
Pulse duration, MMC1_CLK low
4.45
ns
SDR505
td(clkL-cmdV)
Delay time, MMC1_CLK rising edge to MMC1_CMD transition
1.2
6.35
ns
SDR506
td(clkL-dV)
Delay time, MMC1_CLK rising edge to MMC1_DAT[3:0] transition
1.2
6.35
ns
MMCi_CLK
MMCi_CMD
MMCi_DAT[j:0]
SDR501
SDR502L
SDR502H
SDR505
SDR506
SDR505
SDR506
MMC1_10
Figure 7-72. MMC1 – UHS-I SDR50 – Transmit Mode
7.10.5.12.2.6 UHS–I DDR50 Mode
Table 7-75, Figure 7-73, Table 7-76, and Figure 7-74 present timing requirements and switching characteristics
for MMC1 – UHS-I DDR50 Mode.
Table 7-75. Timing Requirements for MMC1 – UHS-I DDR50 Mode
see Figure 7-73
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
DDR505
tsu(cmdV-clk)
Setup time, MMC1_CMD valid before MMC1_CLK rising edge
2.99
ns
DDR506
th(clk-cmdV)
Hold time, MMC1_CMD valid after MMC1_CLK rising edge
1.91
ns
DDR507
tsu(dV-clk)
Setup time, MMC1_DAT[3:0] valid before MMC1_CLK transition
-0.06
ns
DDR508
th(clk-dV)
Hold time, MMC1_DAT[3:0] valid after MMC1_CLK transition
1.91
ns
www.ti.com
AM6442, AM6441, AM6421
AM6412, AM6411
SPRSP56 – JANUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
183
Product Folder Links: AM6442 AM6441 AM6421 AM6412 AM6411



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com