Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM6421 Datasheet(PDF) 177 Page - Texas Instruments

Click here to check the latest version.
Part # AM6421
Description  AM64x Sitara Processors
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6421 Datasheet(HTML) 177 Page - Texas Instruments

Back Button AM6421 Datasheet HTML 173Page - Texas Instruments AM6421 Datasheet HTML 174Page - Texas Instruments AM6421 Datasheet HTML 175Page - Texas Instruments AM6421 Datasheet HTML 176Page - Texas Instruments AM6421 Datasheet HTML 177Page - Texas Instruments AM6421 Datasheet HTML 178Page - Texas Instruments AM6421 Datasheet HTML 179Page - Texas Instruments AM6421 Datasheet HTML 180Page - Texas Instruments AM6421 Datasheet HTML 181Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 177 / 237 page
background image
Table 7-61. MMC0 Timing Requirements – High Speed DDR Mode (continued)
see Figure 7-61
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
DDR8
th(clk-dV)
Hold time, MMC0_DAT[7:0] valid after MMC0_CLK transition
1.76
ns
MMC0 CLK
_
MMC0 CMD
_
MMC0 DAT[7:0]
_
DDR1
DDR2H
DDR2L
DDR3
DDR4
DDR7
DDR8
DDR7
DDR8
DDR7
DDR8
DDR7
J7_MMC0_TIMING_05
DDR8
Figure 7-61. MMC0 – High Speed DDR Mode – Receive Mode
Table 7-62. MMC0 Switching Characteristics – High Speed DDR Mode
see Figure 7-62
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
fop(clk)
Operating frequency, MMC0_CLK
50
MHz
DDR1
tc(clk)
Cycle time, MMC0_CLK
20
ns
DDR2H
tw(clkH)
Pulse duration, MMC0_CLK high
9.2
ns
DDR2L
tw(clkL)
Pulse duration, MMC0_CLK low
9.2
ns
DDR5
td(clk-cmdV)
Delay time, MMC0_CLK rising edge to MMC0_CMD transition
3.31
16.19
ns
DDR6
td(clk-dV)
Delay time, MMC0_CLK transition to MMC0_DAT[7:0] transition
2.81
6.94
ns
MMC0 CLK
_
MMC0 CMD
_
MMC0 DAT[7:0]
_
DDR1
DDR2
DDR2
DDR5
DDR5
DDR6
DDR6
DDR6
DDR6
DDR5
DDR6
DDR6
J7_MMC0_TIMING_06
DDR5
Figure 7-62. MMC0 – High Speed DDR Mode – Transmit Mode
7.10.5.12.1.4 HS200 Mode
Table 7-63 and Figure 7-63 present switching characteristics for MMC0 – HS200 Mode.
Table 7-63. MMC0 Switching Characteristics – HS200 Mode
see Figure 7-63
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
fop(clk)
Operating frequency, MMC0_CLK
200
MHz
HS2001
tc(clk)
Cycle time, MMC0_CLK
5
ns
HS2002H
tw(clkH)
Pulse duration, MMC0_CLK high
2.08
ns
www.ti.com
AM6442, AM6441, AM6421
AM6412, AM6411
SPRSP56 – JANUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
177
Product Folder Links: AM6442 AM6441 AM6421 AM6412 AM6411



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com