Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN7430 Datasheet(PDF) 6 Page - Microchip Technology

Part # LAN7430
Description  Low Power PCIe to Gigabit Ethernet Controller with Integrated Ethernet MAC / PHY
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN7430 Datasheet(HTML) 6 Page - Microchip Technology

Back Button LAN7430 Datasheet HTML 2Page - Microchip Technology LAN7430 Datasheet HTML 3Page - Microchip Technology LAN7430 Datasheet HTML 4Page - Microchip Technology LAN7430 Datasheet HTML 5Page - Microchip Technology LAN7430 Datasheet HTML 6Page - Microchip Technology LAN7430 Datasheet HTML 7Page - Microchip Technology LAN7430 Datasheet HTML 8Page - Microchip Technology LAN7430 Datasheet HTML 9Page - Microchip Technology LAN7430 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 77 page
background image
LAN7430/LAN7431
DS00002631D-page 6
 2018-2019 Microchip Technology Inc.
1.2
Buffer Types
TABLE 1-2:
BUFFER TYPE DESCRIPTIONS
Buffer
Description
AI
Analog input
AO
Analog output
AIO
Analog bi-directional
ICLK
Crystal oscillator input pin
OCLK
Crystal oscillator output pin
RGMII_I
RGMII compliant input
RGMII_O
RGMII compliant output
IS
Input with Schmitt trigger
OD4
Open-drain output with 4 mA sink
VIS
Variable voltage input with Schmitt trigger
VO8
Variable voltage output with 8 mA sink and 8 mA source
VOD8
Variable voltage open-drain output with 8 mA sink
VO12
Variable voltage output with 12 mA sink and 12 mA source
VOD12
Variable voltage open-drain output with 12 mA sink
VOS12
Variable voltage open-source output with 12 mA source
PU
Internal pull-up with 47μA (typical @ 3.3V). Unless otherwise noted in the pin description,
internal pull-ups are always enabled.
Internal pull-up resistors prevent unconnected inputs from floating. Do not rely on internal
resistors to drive signals external to the device. When connected to a load that must be
pulled high, an external resistor must be added.
PD
Internal pull-down with 47μA (typical @ 3.3V). Unless otherwise noted in the pin
description, internal pull-downs are always enabled.
Internal pull-down resistors prevent unconnected inputs from floating. Do not rely on
internal resistors to drive signals external to the device. When connected to a load that
must be pulled low, an external resistor must be added.
P
Power pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com