Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN7430 Datasheet(PDF) 12 Page - Microchip Technology

Part # LAN7430
Description  Low Power PCIe to Gigabit Ethernet Controller with Integrated Ethernet MAC / PHY
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN7430 Datasheet(HTML) 12 Page - Microchip Technology

Back Button LAN7430 Datasheet HTML 8Page - Microchip Technology LAN7430 Datasheet HTML 9Page - Microchip Technology LAN7430 Datasheet HTML 10Page - Microchip Technology LAN7430 Datasheet HTML 11Page - Microchip Technology LAN7430 Datasheet HTML 12Page - Microchip Technology LAN7430 Datasheet HTML 13Page - Microchip Technology LAN7430 Datasheet HTML 14Page - Microchip Technology LAN7430 Datasheet HTML 15Page - Microchip Technology LAN7430 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 77 page
background image
LAN7430/LAN7431
DS00002631D-page 12
 2018-2019 Microchip Technology Inc.
3.0
PIN DESCRIPTIONS AND CONFIGURATION
The pin assignments for the LAN7430 are detailed in Section 3.1, "LAN7430 Pin Assignments". The pin assignments
for the LAN7431 are detailed in Section 3.2, "LAN7431 Pin Assignments". Pin descriptions are provided in Section 3.3,
"Pin Descriptions".
3.1
LAN7430 Pin Assignments
The device pin diagram for the LAN7430 can be seen in Figure 3-1. Table 3-1 provides a LAN7430 pin assignments
table. Pin descriptions are provided in Section 3.3, "Pin Descriptions".
FIGURE 3-1:
LAN7430 PIN ASSIGNMENTS
Note:
Configuration straps are identified by an underlined symbol name. Signals that function as configuration
straps must be augmented with an external resistor when connected to a load.
Note: Exposed pad (VSS) on bottom of package must be connected to ground with a via field .
3
4
5
6
7
8
9
10
34
33
32
31
30
29
28
27
TXRXP_B
AVDDL_1
TXRXM_B
TXRXP_C
TXRXM_C
AVDDL_2
TXRXP_D
TXRXM_D
VDD12CORE
1
2
11
12
26
25
36
35
TXRXM_A
TXRXP_A
VAUX_DET/GPIO3/LED3/TCK
EECLK/GPIO2/LED2/TMS/ADV_PM_DISABLE
PCIE_CLK_P
PCIE_CLK_M
VDD12_SW_FB
VDD_SW_IN
VDD_REG_IN
AVDDH_2
LAN7430
48- S Q FN
(Connect exposed pad to ground with a via field )
VSS
AVDDH_1
RESET_N
TEST
VDD25_REG_OUT
VDD12_SW_OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com