Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADRV9029BBCZ Datasheet(PDF) 7 Page - Analog Devices

Part # ADRV9029BBCZ
Description  Integrated, Quad RF Transceiver with Observation Path
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRV9029BBCZ Datasheet(HTML) 7 Page - Analog Devices

Back Button ADRV9029BBCZ Datasheet HTML 3Page - Analog Devices ADRV9029BBCZ Datasheet HTML 4Page - Analog Devices ADRV9029BBCZ Datasheet HTML 5Page - Analog Devices ADRV9029BBCZ Datasheet HTML 6Page - Analog Devices ADRV9029BBCZ Datasheet HTML 7Page - Analog Devices ADRV9029BBCZ Datasheet HTML 8Page - Analog Devices ADRV9029BBCZ Datasheet HTML 9Page - Analog Devices ADRV9029BBCZ Datasheet HTML 10Page - Analog Devices ADRV9029BBCZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 133 page
background image
Data Sheet
ADRV9029
Rev. 0 | Page 7 of 133
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
Noise Figure
NF
0 dB receiver attenuation, measured at single-
ended input, matching circuit included
75 MHz
12
dB
800 MHz
11
dB
1800 MHz
11.5
dB
2600 MHz
11.9
dB
3800 MHz
12.8
dB
4800 MHz
13.3
dB
5700 MHz
14.5
dB
Noise Figure Ripple
1.5
dB
At band edge
Second-Order Input
Intermodulation Intercept Point
IIP2
0 dB attenuation, complex
75 MHz
70
dBm
800 MHz
65
dBm
1800 MHz
65
dBm
2600 MHz
65
dBm
3800 MHz
62
dBm
4800 MHz
62
dBm
5700 MHz
58
dBm
Wideband Third-Order Input
Intermodulation Intercept Point,
Difference Product
IIP3WB_DIFF
Two tones near the band edge, test condition:
PHIGH − 9 dB/tone
75 MHz
14
dBm
800 MHz
15
dBm
1800 MHz
17
dBm
2600 MHz
17
dBm
3800 MHz
17
dBm
4800 MHz
17
dBm
5700 MHz
18
dBm
Midband Third-Order Input
Intermodulation Intercept Point,
Difference Product
IIP3MB_DIFF
Two tones near the middle of the band; test
condition: PHIGH − 9 dB/tone
75 MHz
20
dBm
800 MHz
18
dBm
1800 MHz
22
dBm
2600 MHz
21
dBm
3800 MHz
22
dBm
4800 MHz
22
dBm
5700 MHz
20
dBm
Wideband Third-Order Input
Intermodulation Intercept Point,
Sum Product
IIP3WB_SUM
Two tones approximately bandwidth ÷ 6 offset
from the LO; test condition: PHIGH – 9 dB/tone
75 MHz
15
dBm
800 MHz
17
dBm
1800 MHz
17
dBm
2600 MHz
20
dBm
3800 MHz
23
dBm
4800 MHz
23
dBm
5700 MHz
20
dBm
Second-Order Harmonic
Distortion
Maximum Input
HD2MAX
−72
dBc
PHIGH continuous wave signal, harmonic
distortion tones falling within 100 MHz of the LO
Recommended Input
HD2
−75
dBc
PHIGH − 3 dB continuous wave signal, harmonic
distortion tones falling within 100 MHz of the LO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com