Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADRV9029BBCZ Datasheet(PDF) 97 Page - Analog Devices

Part # ADRV9029BBCZ
Description  Integrated, Quad RF Transceiver with Observation Path
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRV9029BBCZ Datasheet(HTML) 97 Page - Analog Devices

Back Button ADRV9029BBCZ Datasheet HTML 93Page - Analog Devices ADRV9029BBCZ Datasheet HTML 94Page - Analog Devices ADRV9029BBCZ Datasheet HTML 95Page - Analog Devices ADRV9029BBCZ Datasheet HTML 96Page - Analog Devices ADRV9029BBCZ Datasheet HTML 97Page - Analog Devices ADRV9029BBCZ Datasheet HTML 98Page - Analog Devices ADRV9029BBCZ Datasheet HTML 99Page - Analog Devices ADRV9029BBCZ Datasheet HTML 100Page - Analog Devices ADRV9029BBCZ Datasheet HTML 101Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 133 page
background image
Data Sheet
ADRV9029
Rev. 0 | Page 97 of 133
4800 MHZ BAND
The temperature settings refer to the die temperature. All LO frequencies set to 4800 MHz, unless otherwise noted.
0
1
2
3
4
5
6
7
8
9
10
4300 4400 4500 4600 4700 4800 4900 5000 5100 5200 5300
TRANSMITTER LO FREQUENCY (MHz)
+110°C
+25°C
–40°C
Figure 424. Transmitter CW Output Power vs. Transmitter LO Frequency,
10 MHz Offset, 0 dB Attenuation
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
SIGNAL
NOISE FLOOR
4300 4400 4500 4600 4700 4800 4900 5000 5100 5200 5300
TRANSMITTER LO FREQUENCY (MHz)
Figure 425. Transmitter Output Power Spectrum, Tx1, 5 MHz LTE,
10 MHz Offset, −10 dBFS RMS, 1 MHz Resolution Bandwidth, TJ = 25°C
–100
–90
–80
–70
–60
–50
–40
–100 –80
–60
–40
–20
0
20
40
60
80
100
BASEBAND OFFSET FREQUENCY (MHz)
–40°C, Tx1
+25°C, Tx1
+110°C, Tx1
–40°C, Tx2
+25°C, Tx2
+110°C, Tx2
–40°C, Tx3
+25°C, Tx3
+110°C, Tx3
–40°C, Tx4
+25°C, Tx4
+110°C, Tx4
Figure 426. Transmitter Image Rejection Across Large Signal Bandwidth vs.
Baseband Offset Frequency
–180
–170
–160
–150
–140
–130
–120
–110
–100
0
5
10
15
20
TRANSMITTER ATTENUATION (dB)
–40°C, Tx1
+25°C, Tx1
+110°C, Tx1
–40°C, Tx2
+25°C, Tx2
+110°C, Tx2
–40°C, Tx3
+25°C, Tx3
+110°C, Tx3
–40°C, Tx4
+25°C, Tx4
+110°C, Tx4
Figure 427. Transmitter Noise vs. Transmitter Attenuation,
10 MHz Offset Frequency
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
–225
–175
–125
–75
–25
25
75
125
175
225
BASEBAND OFFSET FREQUENCY (MHz)
–40°C, Tx1
+25°C, Tx1
+110°C, Tx1
–40°C, Tx2
+25°C, Tx2
+110°C, Tx2
–40°C, Tx3
+25°C, Tx3
+110°C, Tx3
–40°C, Tx4
+25°C, Tx4
+110°C, Tx4
Figure 428. Transmitter Pass Band Flatness vs. Baseband Offset Frequency
–40
–80
–75
–70
–60
–65
–55
–45
–50
20
510
15
0
TRANSMITTER ATTENUATION (dB)
–40°C, Tx1
+25°C, Tx1
+110°C, Tx1
–40°C, Tx2
+25°C, Tx2
+110°C, Tx2
–40°C, Tx3
+25°C, Tx3
+110°C, Tx3
–40°C, Tx4
+25°C, Tx4
+110°C, Tx4
Figure 429. Adjacent Channel Power Level vs. Transmitter Attenuation,
−10 MHz Baseband Offset, 20 MHz LTE, PAR = 12 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com