Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADRV9029BBCZ Datasheet(PDF) 1 Page - Analog Devices

Part # ADRV9029BBCZ
Description  Integrated, Quad RF Transceiver with Observation Path
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRV9029BBCZ Datasheet(HTML) 1 Page - Analog Devices

  ADRV9029BBCZ Datasheet HTML 1Page - Analog Devices ADRV9029BBCZ Datasheet HTML 2Page - Analog Devices ADRV9029BBCZ Datasheet HTML 3Page - Analog Devices ADRV9029BBCZ Datasheet HTML 4Page - Analog Devices ADRV9029BBCZ Datasheet HTML 5Page - Analog Devices ADRV9029BBCZ Datasheet HTML 6Page - Analog Devices ADRV9029BBCZ Datasheet HTML 7Page - Analog Devices ADRV9029BBCZ Datasheet HTML 8Page - Analog Devices ADRV9029BBCZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 133 page
background image
Integrated, Quad RF Transceiver
with Observation Path
Data Sheet
ADRV9029
Rev. 0
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rights of third parties that may result from its use. Specifications subject to change without notice.
No license is granted by implication or otherwise under any patent or patent rights of Analog
Devices.Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2020 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
4 differential transmitters
4 differential receivers
2 observation receivers with 2 inputs each
Center frequency: 75 MHz to 6000 MHz
Fully integrated DPD adaptation engine for power amplifier
linearization
Crest factor reduction engine
Maximum receiver bandwidth: 200 MHz
Maximum transmitter large signal bandwidth: 200 MHz
Maximum transmitter synthesis bandwidth: 450 MHz
Maximum observation receiver bandwidth: 450 MHz
Fully integrated independent fractional-N radio frequency
synthesizers
Fully integrated clock synthesizer
Multichip phase synchronization for all local oscillators and
baseband clocks
Support for TDD and FDD applications
24.33 Gbps JESD204B/JESD204C digital interface
APPLICATIONS
3G/4G/5G TDD and FDD massive MIMO, macro and small cell
base stations
GENERAL DESCRIPTION
The ADRV9029 is a highly integrated, radio frequency (RF) agile
transceiver offering four independently controlled transmitters,
dedicated observation receiver inputs for monitoring each
transmitter channel, four independently controlled receivers,
integrated synthesizers, and digital signal processing functions
providing a complete transceiver solution. The device provides
the performance demanded by cellular infrastructure applications,
such as small cell base station radios, macro 3G/4G/5G systems,
and massive multiple in/multiple out (MIMO) base stations.
The receiver subsystem consists of four independent, wide
bandwidth, direct conversion receivers with wide dynamic
range. The four independent transmitters use a direct conversion
modulator resulting in low noise operation with low power
consumption. The device also includes two wide bandwidth,
time shared, observation path receivers with two inputs each for
monitoring transmitter outputs.
The complete transceiver subsystem includes automatic and
manual attenuation control, dc offset correction, quadrature error
correction (QEC), and digital filtering, eliminating the need for
these functions in the digital baseband. Other auxiliary
functions such as analog-to-digital converters (ADCs), digital-
to-analog converters (DACs), and general-purpose input/
outputs (GPIOs) that provide an array of digital control options
are also integrated.
To achieve a high level of RF performance, the transceiver
includes five fully integrated phase-locked loops (PLLs). Two
PLLs provide low noise and low power fractional-N RF
synthesis for the transmitter and receiver signal paths. A third
fully integrated PLL supports an independent local oscillator (LO)
mode for the observation receiver. The fourth PLL generates
the clocks needed for the converters and digital circuits, and a
fifth PLL provides the clock for the serial data interface.
A multichip synchronization mechanism synchronizes the
phase of all LOs and baseband clocks between multiple
ADRV9029 chips. All voltage controlled oscillators (VCOs) and
loop filter components are integrated and adjustable through the
digital control interface.
This device contains a fully integrated, low power digital
predistortion (DPD) adaptation engine for use in power
amplifier linearization. DPD enables use of high efficiency power
amplifiers, reducing the power consumption of base station radios
while also reducing the number of SERDES lanes necessary to
interface with baseband processors.
The low power crest factor reduction (CFR) engine of the
ADRV9029 reduces the peak to average ratio (PAR) of the
input signal, enabling higher efficiency transmit line ups while
reducing the processing load on baseband processors.
The serial data interface consists of four serializer lanes and four
deserializer lanes. The interface supports both the JESD204B and
JESD204C standards, operating at data rates up to 24.33 Gbps.
The interface also supports interleaved mode for lower
bandwidths, thus reducing the number of high speed data
interface lanes to one. Both fixed and floating-point data
formats are supported. The floating-point format allows
internal automatic gain control (AGC) to be invisible to the
demodulator device.
The ADRV9029 is powered directly from 1.0 V, 1.3 V, and
1.8 V regulators and is controlled via a standard serial
peripheral interface (SPI) serial port. Comprehensive power-
down modes are included to minimize power consumption in
normal use. The ADRV9029 is packaged in a 14 mm × 14 mm,
289-ball chip scale ball grid array (CSP_BGA).


Similar Part No. - ADRV9029BBCZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADRV9022 AD-ADRV9022 Datasheet
13Mb / 133P
Integrated, Quad RF Transceiver with Observation Path
Rev. 0
ADRV9022BBPZ-4T1 AD-ADRV9022BBPZ-4T1 Datasheet
13Mb / 133P
Integrated, Quad RF Transceiver with Observation Path
Rev. 0
ADRV9022BBPZRL-4T1 AD-ADRV9022BBPZRL-4T1 Datasheet
13Mb / 133P
Integrated, Quad RF Transceiver with Observation Path
Rev. 0
ADRV9026 AD-ADRV9026 Datasheet
2Mb / 118P
Integrated, Quad RF Transceiver with Observation Path
8/2020-Rev. A to Rev. B
ADRV9026-HB/PCBZ AD-ADRV9026-HB/PCBZ Datasheet
2Mb / 115P
Integrated, Quad RF Transceiver with Observation Path
Jan-2021
More results

Similar Description - ADRV9029BBCZ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE7799 TI1-AFE7799 Datasheet
338Kb / 9P
Quad-Channel RF Transceiver With Feedback Path
AFE7769 TI1-AFE7769 Datasheet
341Kb / 9P
AFE7769 Quad-Channel RF Transceiver With Feedback Path
AFE7920 TI1-AFE7920 Datasheet
350Kb / 12P
AFE79xx Quad-Channel RF Transceiver With Feedback Path
logo
Analog Devices
ADRV9026 AD-ADRV9026 Datasheet
2Mb / 118P
Integrated, Quad RF Transceiver with Observation Path
8/2020-Rev. A to Rev. B
ADRV9010 AD-ADRV9010 Datasheet
2Mb / 115P
Integrated, Quad RF Transceiver with Observation Path
Jan-2021
AD9375 AD-AD9375 Datasheet
852Kb / 61P
Integrated, Dual RF Transceiver with Observation Path
3/2017-Revision 0
ADRV9008-2 AD-ADRV9008-2 Datasheet
2Mb / 95P
Integrated Dual RF Transmitters and Observation Receiver
9/2018-Revision 0
ADRV9009 AD-ADRV9009 Datasheet
3Mb / 127P
Integrated Dual RF Transmitter, Receiver, and Observation Receiver
5/2019-Rev. A to Rev B.
AD9986 AD-AD9986_V01 Datasheet
3Mb / 37P
4T2R Direct RF Transmitter and Observation Receiver
Rev. 0
AD9371 AD-AD9371_V01 Datasheet
1Mb / 57P
Integrated, Dual RF Transceiver with Observation Path
Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com