Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADRV9029BBCZ Datasheet(PDF) 83 Page - Analog Devices

Part # ADRV9029BBCZ
Description  Integrated, Quad RF Transceiver with Observation Path
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRV9029BBCZ Datasheet(HTML) 83 Page - Analog Devices

Back Button ADRV9029BBCZ Datasheet HTML 79Page - Analog Devices ADRV9029BBCZ Datasheet HTML 80Page - Analog Devices ADRV9029BBCZ Datasheet HTML 81Page - Analog Devices ADRV9029BBCZ Datasheet HTML 82Page - Analog Devices ADRV9029BBCZ Datasheet HTML 83Page - Analog Devices ADRV9029BBCZ Datasheet HTML 84Page - Analog Devices ADRV9029BBCZ Datasheet HTML 85Page - Analog Devices ADRV9029BBCZ Datasheet HTML 86Page - Analog Devices ADRV9029BBCZ Datasheet HTML 87Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 133 page
background image
Data Sheet
ADRV9029
Rev. 0 | Page 83 of 133
–40
–80
–75
–70
–65
–55
–45
–60
–50
020
15
10
5
TRANSMITTER ATTENUATION (dB)
+110°C, Tx1
+110°C, Tx2
+110°C, Tx3
+110°C, Tx4
+25°C, Tx1
+25°C, Tx2
+25°C, Tx3
+25°C, Tx4
–40°C, Tx1
–40°C, Tx2
–40°C, Tx3
–40°C, Tx4
Figure 343. Adjacent Channel Power Level vs. Transmitter Attenuation,
90 MHz Baseband Offset, 20 MHz LTE, PAR = 12 dB
–60
–120
–110
–90
–70
–100
–80
020
18
14
16
12
10
8
6
4
2
TRANSMITTER ATTENUATION (dB)
+110°C, LOWER HD2
+25°C, LOWER HD2
–40°C, LOWER HD2
+110°C, UPPER HD2
+25°C, UPPER HD2
–40°C, UPPER HD2
Figure 344. Transmitter Second Harmonic Distortion (HD2) vs. Transmitter
Attenuation, 10 MHz Offset
–60
–120
–110
–90
–70
–100
–80
020
18
14
16
12
10
8
6
4
2
TRANSMITTER ATTENUATION (dB)
+110°C, LOWER HD3
+25°C, LOWER HD3
–40°C, LOWER HD3
+110°C, UPPER HD3
+25°C, UPPER HD3
–40°C, UPPER HD3
Figure 345. Transmitter Third Harmonic Distortion (HD3) vs. Transmitter
Attenuation, 10 MHz Offset
0.05
–0.05
–0.04
–0.02
0
0.02
0.04
–0.03
–0.01
0.01
0.03
032
28
24
20
16
12
8
4
TRANSMITTER ATTENUATION (dB)
+110°C
+25°C
–40°C
Figure 346. Transmitter Attenuator Step Error vs. Transmitter Attenuation,
10 MHz Offset
–38
–48
–46
–44
–42
–40
–39
–47
–45
–43
–41
020
14
8
216
10
418
12
6
TRANSMITTER ATTENUATION (dB)
+110°C, Tx1
+110°C, Tx2
+110°C, Tx3
+110°C, Tx4
+25°C, Tx1
+25°C, Tx2
+25°C, Tx3
+25°C, Tx4
–40°C, Tx1
–40°C, Tx2
–40°C, Tx3
–40°C, Tx4
Figure 347. Transmitter Error Vector Magnitude vs. Transmitter Attenuation, 20
MHz LTE Signal Centered at LO Frequency, Sample Rate = 491.52 MSPS, Loop
Filter Bandwidth = 200 kHz, Loop Filter Phase Margin = 60°
45
–10
–5
0
10
20
30
40
5
15
25
35
032
28
24
20
16
12
8
4
TRANSMITTER ATTENUATION SETTING (dB)
+110°C, Tx1
+110°C, Tx2
+110°C, Tx3
+110°C, Tx4
+25°C, Tx1
+25°C, Tx2
+25°C, Tx3
+25°C, Tx4
–40°C, Tx1
–40°C, Tx2
–40°C, Tx3
–40°C, Tx4
Figure 348. Transmitter OIP3, 2f1 − f2 vs. Transmitter Attenuation,
15 dB Digital Back Off per Tone, f1 = 50.5 MHz, f2 = 55.5 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com