Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADRV9029BBCZ Datasheet(PDF) 82 Page - Analog Devices

Part # ADRV9029BBCZ
Description  Integrated, Quad RF Transceiver with Observation Path
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRV9029BBCZ Datasheet(HTML) 82 Page - Analog Devices

Back Button ADRV9029BBCZ Datasheet HTML 78Page - Analog Devices ADRV9029BBCZ Datasheet HTML 79Page - Analog Devices ADRV9029BBCZ Datasheet HTML 80Page - Analog Devices ADRV9029BBCZ Datasheet HTML 81Page - Analog Devices ADRV9029BBCZ Datasheet HTML 82Page - Analog Devices ADRV9029BBCZ Datasheet HTML 83Page - Analog Devices ADRV9029BBCZ Datasheet HTML 84Page - Analog Devices ADRV9029BBCZ Datasheet HTML 85Page - Analog Devices ADRV9029BBCZ Datasheet HTML 86Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 133 page
background image
ADRV9029
Data Sheet
Rev. 0 | Page 82 of 133
3800 MHZ BAND
The temperature settings refer to the die temperature. All LO frequencies set to 3800 MHz, unless otherwise noted.
10
0
1
3
5
7
9
2
4
6
8
3300
4300
4200
4000 4100
3900
3800
3700
3600
3500
3400
TRANSMITTER LO FREQUENCY (MHz)
+110°C
+25°C
–40°C
Figure 337. Transmitter Continuous Wave Output Power vs. Transmitter LO
Frequency, 10 MHz Offset, 0 dB Attenuation
0
–100
–90
–70
–50
–30
–10
–80
–60
–40
–20
FREQUENCY (MHz)
SIGNAL
NOISE FLOOR
3300
4300
4200
4000 4100
3900
3800
3700
3600
3500
3400
Figure 338. Transmitter Output Power Spectrum, Tx1, 5 MHz LTE,
10 MHz Offset, −10 dBFS RMS, 1 MHz Resolution Bandwidth, TJ = 25°C (Step
at 3600 MHz Due to Spectrum Analyzer)
–40
–100
–90
–70
–50
–80
–60
–100
100
80
40
60
20
0
–20
–40
–60
–80
BASBAND OFFSET FREQUENCY (MHz)
+110°C, Tx1
+110°C, Tx2
+110°C, Tx3
+110°C, Tx4
+25°C, Tx1
+25°C, Tx2
+25°C, Tx3
+25°C, Tx4
–40°C, Tx1
–40°C, Tx2
–40°C, Tx3
–40°C, Tx4
Figure 339. Transmitter Image Rejection Across Large Signal Bandwidth vs.
Baseband Offset Frequency
–100
–180
–170
–160
–150
–130
–110
–140
–120
020
15
10
5
TRANSMITTER ATTENUATION (dB)
+110°C, Tx1
+110°C, Tx2
+110°C, Tx3
+110°C, Tx4
+25°C, Tx1
+25°C, Tx2
+25°C, Tx3
+25°C, Tx4
–40°C, Tx1
–40°C, Tx2
–40°C, Tx3
–40°C, Tx4
Figure 340. Transmitter Noise vs. Transmitter Attenuation,
10 MHz Offset Frequency
1.0
–0.4
–0.2
0
0.4
0.8
0.2
0.6
–225
225
125
–25
–125
25
175
75
–75
–175
BASEBAND OFFSET FREQUENCY (MHz)
+110°C, Tx1
+110°C, Tx2
+110°C, Tx3
+110°C, Tx4
+25°C, Tx1
+25°C, Tx2
+25°C, Tx3
+25°C, Tx4
–40°C, Tx1
–40°C, Tx2
–40°C, Tx3
–40°C, Tx4
Figure 341. Transmitter Pass Band Flatness vs. Baseband Offset Frequency
–40
–80
–75
–70
–65
–55
–45
–60
–50
020
15
10
5
TRANSMITTER ATTENUATION (dB)
+110°C, Tx1
+110°C, Tx2
+110°C, Tx3
+110°C, Tx4
+25°C, Tx1
+25°C, Tx2
+25°C, Tx3
+25°C, Tx4
–40°C, Tx1
–40°C, Tx2
–40°C, Tx3
–40°C, Tx4
Figure 342. Adjacent Channel Power Level vs. Transmitter Attenuation,
−10 MHz Baseband Offset, 20 MHz LTE, PAR = 12 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com