Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX77751 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX77751
Description  3.15A USB-C Autonomous Charger for 1-Cell Li Batteries
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX77751 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX77751 Datasheet HTML 2Page - Maxim Integrated Products MAX77751 Datasheet HTML 3Page - Maxim Integrated Products MAX77751 Datasheet HTML 4Page - Maxim Integrated Products MAX77751 Datasheet HTML 5Page - Maxim Integrated Products MAX77751 Datasheet HTML 6Page - Maxim Integrated Products MAX77751 Datasheet HTML 7Page - Maxim Integrated Products MAX77751 Datasheet HTML 8Page - Maxim Integrated Products MAX77751 Datasheet HTML 9Page - Maxim Integrated Products MAX77751 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
MAX77751
3.15A USB-C Autonomous Charger
for 1-Cell Li+ Batteries
www.maximintegrated.com
Maxim Integrated | 6
(Limits are 100% tested at TA = +25°C. Limits over the operating temperature range and relevant supply voltage range are guaranteed
by design and characterization.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
LX = PGND or BYP, TA = +85°C
1
BST Leakage Current
BST = PGND or 1.8V, TA = +25°C
0.01
10
µA
BST = PGND or 1.8V, TA = +85°C
1
BYP Leakage Current
VBYP = 5V, VCHGIN = 0V, LX = 0V,
charger disabled, TA = +25°C
0.01
10
µA
VBYP = 5V, VCHGIN = 0V, LX = 0V,
charger disabled, TA = +85°C
1
SYS Leakage Current
VSYS = 0V, VBATT = 4.2V, charger
disabled, TA = +25°C
0.01
10
µA
VSYS = 0V, VBATT = 4.2V, charger
disabled, TA = +85°C
1
Minimum ON Time
tON-MIN
75
ns
Minimum OFF Time
tOFF-MIN
75
ns
Buck Current Limit
ILIM
5.16
6.0
6.84
A
Reverse Boost
Quiescent Current
Non-switching: output forced 200mV
above its target regulation voltage
2000
µA
Reverse Boost BYP
Voltage in OTG Mode
VBYP.OTG
4.94
5.1
5.26
V
CHGIN Output Current
Limit
ICHGIN.OTG.LI
M
3.4V < VBATT < 4.5V, TA = +25°C
1500
1725
mA
Reverse Boost Output
Voltage Ripple
Discontinuous inductor current (i.e., skip
mode)
±150
mV
Continuous inductor current
±150
BATT Regulation
Voltage Accuracy
TA = +25°C, BATT regulation voltage
(See the Ordering Information table)
-0.9
-0.3
+0.3
%
TA = 0°C to +85°C, BATT regulation
voltage (See the Ordering Information
table)
-1
-0.3
+0.5
Fast-Charge Current
Program Range
External resistor programmable
0.5
3.15
A
Fast-Charge Currents
IFC
TA = +25°C, VBATT > VSYSMIN,
programmed for 3.0A
2850
3000
3150
mA
TA = +25°C, VBATT > VSYSMIN,
programmed for 2.0A
1900
2000
2100
TA = +25°C, VBATT > VSYSMIN,
programmed for 0.5A
465
500
535
Trickle Charge
Threshold
VTRICKLE
VBATT rising
3.0
3.1
3.2
V
Precharge Threshold
VPRECHG
VBATT rising
2.4
2.5
2.6
V
Prequalification
Threshold Hysteresis
VPQ-H
Applies to both VTRICKLE and VPRECHG
100
mV
Trickle Charge Current
ITRICKLE
270
300
330
mA
Precharge Charge
Current
IPRECHG
40
55
80
mA
Charger Restart
Threshold
VRSTRT
50
100
150
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com