Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX77751 Datasheet(PDF) 36 Page - Maxim Integrated Products

Part # MAX77751
Description  3.15A USB-C Autonomous Charger for 1-Cell Li Batteries
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX77751 Datasheet(HTML) 36 Page - Maxim Integrated Products

Back Button MAX77751 Datasheet HTML 32Page - Maxim Integrated Products MAX77751 Datasheet HTML 33Page - Maxim Integrated Products MAX77751 Datasheet HTML 34Page - Maxim Integrated Products MAX77751 Datasheet HTML 35Page - Maxim Integrated Products MAX77751 Datasheet HTML 36Page - Maxim Integrated Products MAX77751 Datasheet HTML 37Page - Maxim Integrated Products MAX77751 Datasheet HTML 38Page - Maxim Integrated Products MAX77751 Datasheet HTML 39Page - Maxim Integrated Products MAX77751 Datasheet HTML 40Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 36 / 40 page
background image
MAX77751
3.15A USB-C Autonomous Charger
for 1-Cell Li+ Batteries
www.maximintegrated.com
Maxim Integrated | 36
Non-USB Type Power Source
In an application where the power source is not USB, all the USB related pins such as CC1, CC2, DP, and DN should be
left not connected (NC). In this case, the input current to the MAX77751 is limited to 3A.
Recommended PCB Layout and Routing
Place all bypass capacitors for CHGIN, BYP, SYS, VDD, and BATT as close as possible to the IC. Connect the battery to
BATT as close as possible to the IC to provide accurate battery voltage sensing. Provide a large copper ground plane to
allow the PGND pad to sink heat away from the device. Use wide and short traces for high current connections such as
CHGIN, BYP, SYS, and BATT to minimize voltage drops. The MAX77751 has two kinds of ground pins: PGND and GND.
Carefully connect PGND because it is a switching node ground of the Charger Buck. It should be tied to ground of the
SYS and BYP capacitors and connected to the ground plane directly without sharing other ground. The GND can be
connected to the ground plane.
Figure 14 is a recommended placement and layout guide.
Figure 14. Recommended Placement and Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com