Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX77751 Datasheet(PDF) 38 Page - Maxim Integrated Products

Part # MAX77751
Description  3.15A USB-C Autonomous Charger for 1-Cell Li Batteries
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX77751 Datasheet(HTML) 38 Page - Maxim Integrated Products

Back Button MAX77751 Datasheet HTML 32Page - Maxim Integrated Products MAX77751 Datasheet HTML 33Page - Maxim Integrated Products MAX77751 Datasheet HTML 34Page - Maxim Integrated Products MAX77751 Datasheet HTML 35Page - Maxim Integrated Products MAX77751 Datasheet HTML 36Page - Maxim Integrated Products MAX77751 Datasheet HTML 37Page - Maxim Integrated Products MAX77751 Datasheet HTML 38Page - Maxim Integrated Products MAX77751 Datasheet HTML 39Page - Maxim Integrated Products MAX77751 Datasheet HTML 40Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 38 / 40 page
background image
MAX77751
3.15A USB-C Autonomous Charger
for 1-Cell Li+ Batteries
www.maximintegrated.com
Maxim Integrated | 38
Typical Application Circuit
Figure 15 illustrates a typical charger application using the MAX77751. Although there are connections between the MCU
and the MAX77751, USB detection and battery charging occur automatically without MCU intervention. In the application,
the MCU performs two functions: controls the D+/D- switch (MAX4906) and enables or disables battery charging. For the
latter function, the MCU can be replaced by the circuit shown in Figure 13. ENBST can also be implemented in different
ways and is typically expected to be a switch or button of the target device.
4.5V TO 13.7V/3A
0.47µH
2.2µF
2 x 10µF
CC1
CC2
CHGIN
LX
SYS
PVL
ENBST
BATT
ITOPOFF
VDD
GND
BST
10µF + 22µF
0.1µF
10µF
VSYS
INOKB
STAT
IFAST
DP
DN
BYP
CHGIN
LX
PGND
BATT
SYS
23
24
1
22
3
6
7
4
5
8
11
12
9
10
13
15
16
18
17
21
20
2.2µF
1kΩ
1kΩ
14
PGND 19
2.2µF
24.3kΩ
24.9kΩ
MCU
VBUS
CC2
USB TYPE-C
CONNECTOR
CC1
D+
D-
GPIO
(OPEN DRAIN
OUTPUT)
SYS
ENBST
BATTE RY PACK
3.15A
MAX77751
D- D+
2
MAX4906
GPIO
Figure 15. Typical Charger Application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com