Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX77751 Datasheet(PDF) 29 Page - Maxim Integrated Products

Part # MAX77751
Description  3.15A USB-C Autonomous Charger for 1-Cell Li Batteries
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX77751 Datasheet(HTML) 29 Page - Maxim Integrated Products

Back Button MAX77751 Datasheet HTML 25Page - Maxim Integrated Products MAX77751 Datasheet HTML 26Page - Maxim Integrated Products MAX77751 Datasheet HTML 27Page - Maxim Integrated Products MAX77751 Datasheet HTML 28Page - Maxim Integrated Products MAX77751 Datasheet HTML 29Page - Maxim Integrated Products MAX77751 Datasheet HTML 30Page - Maxim Integrated Products MAX77751 Datasheet HTML 31Page - Maxim Integrated Products MAX77751 Datasheet HTML 32Page - Maxim Integrated Products MAX77751 Datasheet HTML 33Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 40 page
background image
MAX77751
3.15A USB-C Autonomous Charger
for 1-Cell Li+ Batteries
www.maximintegrated.com
Maxim Integrated | 29
VDD Internal Supply
VDD is the 1.8V power for the MAX77751 charger’s analog circuit. VDD is generated from the higher value between BATT
and CHGIN as the power input source and generates the internal power supply. VDD has a bypass capacitance of 2.2µF.
ENBST For Reverse Boost
ENBST is an input control signal for the reverse boost mode with an external logic signal. If ENBST is driven high, the
reverse boost is enabled and the BYP-to-
CHGIN path is closed. ENBST has an internal 235kΩ pulldown resistor. When
ENBST sets to high,
the MAX77751 disconnects Rd from the CC line and provides a 180μA current source.
USB BC1.2 Charger Detection
Features
• D+/D- Charging Signature Detector
• USB BC1.2 Compliant SDP, DCP, and CDP Detection
• Proprietary Charger Types Detection
• Apple 500mA, 1A, 2A, 2.4A
• Samsung 2A
Description
The USB charger detection is USB BC1.2 compliant with the ability to automatically detect some common proprietary
charger types.
The Charger Detection State Machine follows USB BC1.2 requirements and detects SDP, CDP, and DCP types. In
addition to the USB BC1.2 State Machine, the IC also detects a limited number of proprietary charger types (Apple and
Samsung). The IC automatically sets the CHGIN input current limit based on the charger type detection results. If charger
type detection results are an unknown charger type or D+/D- are found as open, the input current limits are set to 3A max.
Table 1. USB BC1.2 Detected Charger Type
INPUT CURRENT LIMIT
CHARGER DETECTED
500mA
SDP
1.5A
CDP
1.5A
DCP
Table 2. Detected Proprietary Charger Type
INPUT CURRENT LIMIT
CHARGER DETECTED
500mA
Apple
1A
Apple
2A
Apple
2.4A
Apple
2A
Samsung
3A
All others



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com