Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX77751 Datasheet(PDF) 32 Page - Maxim Integrated Products

Part # MAX77751
Description  3.15A USB-C Autonomous Charger for 1-Cell Li Batteries
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX77751 Datasheet(HTML) 32 Page - Maxim Integrated Products

Back Button MAX77751 Datasheet HTML 28Page - Maxim Integrated Products MAX77751 Datasheet HTML 29Page - Maxim Integrated Products MAX77751 Datasheet HTML 30Page - Maxim Integrated Products MAX77751 Datasheet HTML 31Page - Maxim Integrated Products MAX77751 Datasheet HTML 32Page - Maxim Integrated Products MAX77751 Datasheet HTML 33Page - Maxim Integrated Products MAX77751 Datasheet HTML 34Page - Maxim Integrated Products MAX77751 Datasheet HTML 35Page - Maxim Integrated Products MAX77751 Datasheet HTML 36Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 40 page
background image
MAX77751
3.15A USB-C Autonomous Charger
for 1-Cell Li+ Batteries
www.maximintegrated.com
Maxim Integrated | 32
Applications Information
Fast-Charge Current Setting
When a valid input source is present, the battery charger attempts to charge the battery with a fast-charge current
determined by the resistance from IFAST to GND. Table 3 shows the resistance values which correspond to the target
IFAST values.
Table 3. Fast-Charge Current Settings
RESISTANCE (kΩ)
IFAST (mA)
24.9
3150
22.6
3000
20.5
2800
18.7
2500
16.9
2400
15.4
2200
14
2000
12.4
1800
11
1500
9.53
1400
8.2
1200
6.65
1000
5.23
800
3.6
600
2.4
500
Top-Off Current Setting
The top-off charging current is programmed by an external resistor connected from ITOPOFF to GND (RTOPOFF).
Table 4 shows the resistance values which correspond to the target ITOPOFF values.
Table 4. Top-Off Current Settings
D+/D- Multiplexing
The USB D+/D- lines, which are used for BC1.2 and proprietary adapter detection, can be used for data communication.
If an MCU handles this communication in the target system, the D+/D- lines can be connected to the MAX77751 and the
MCU, as shown in Figure 11. The switchers are required for each D+ and D- lines to guarantee high impedance state for
the MCU connections to avoid incorrect adapter detection. It is recommended to connect the MAX77751’s INOKB to the
MCU in this configuration so that the MAX77751 can signal that detection is complete to the MCU. When the MCU
receives a valid INOKB signal, it can switch the D+/D- lines from the MAX77751 to the MCU for data communication.
RTOPOFF (kΩ)
ITOPOFF (mA)
24.3
350
19.6
300
16.5
250
13.3
200
10.2
150
8.06
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com