Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX77751 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX77751
Description  3.15A USB-C Autonomous Charger for 1-Cell Li Batteries
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX77751 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX77751 Datasheet HTML 1Page - Maxim Integrated Products MAX77751 Datasheet HTML 2Page - Maxim Integrated Products MAX77751 Datasheet HTML 3Page - Maxim Integrated Products MAX77751 Datasheet HTML 4Page - Maxim Integrated Products MAX77751 Datasheet HTML 5Page - Maxim Integrated Products MAX77751 Datasheet HTML 6Page - Maxim Integrated Products MAX77751 Datasheet HTML 7Page - Maxim Integrated Products MAX77751 Datasheet HTML 8Page - Maxim Integrated Products MAX77751 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
MAX77751
3.15A USB-C Autonomous Charger
for 1-Cell Li+ Batteries
www.maximintegrated.com
Maxim Integrated | 5
Electrical Characteristics
(Limits are 100% tested at TA = +25°C. Limits over the operating temperature range and relevant supply voltage range are guaranteed
by design and characterization.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
GENERAL ELECTRICAL CHARACTERISTICS
Battery Only Quiescent
Current
IBATT_Q
USB Type-C as UFP and BATT = SYS =
3.6V
30
50
µA
SWITCHING MODE CHARGER
CHGIN Voltage Range
VCHGIN
Operating voltage (Note 1)
VCHGIN_
UVLO
VCHGIN_
OVLO
V
CHGIN Overvoltage
Threshold
VCHGIN_OVLO VCHGIN rising
13.4
13.7
14
V
CHGIN Overvoltage
Threshold Hysteresis
VCHGINH_OVL
O
VCHGIN falling
300
mV
CHGIN to GND
Minimum Turn-On
Threshold Accuracy
VCHGIN_UVLO VCHGIN rising
4.6
4.7
4.8
V
CHGIN to SYS
Minimum Turn-On
Threshold
VCHGIN2SYS
VCHGIN rising
VSYS +
0.12
VSYS +
0.20
VSYS +
0.28
V
CHGIN Adaptive
Voltage Regulation
Threshold Accuracy
VCHGIN_REG
4.4
4.5
4.6
V
CHGIN Current Limit
Range
CHGIN_ILIM
Automatically configured after charger-
type detection.
0.5
3.0
A
CHGIN Supply Current
IIN
VCHGIN = 5.0V, Charger enabled, VSYS
= VBATT = 4.5V, (No switching, battery
charged)
2.7
4
mA
VCHGIN Input Current
Limit
IINLIMIT
Charger enabled, 500mA input current
setting, TA = +25°C
423
460
500
mA
Charger enabled, 1500mA input current
setting, TA = +25°C
1300
1400
1500
Charger enabled, 3000mA input current
setting, TA = +25°C
2600
2800
3000
CHGIN Self-Discharge
Down to UVLO Time
tINSD
Time required for the charger input to
cause CHGIN capacitor to decay from
6.0V to 4.3V
100
ms
CHGIN Input Self-
Discharge Resistance
RINSD
44
kΩ
CHGIN to BYP
Resistance
RCHGIN2BYP
Bidirectional
45
mΩ
LX High-Side
Resistance
RHS
60
mΩ
LX Low-Side Resistance
RLS
60
mΩ
BATT to SYS Dropout
Resistance
RBAT2SYS
20
mΩ
CHGIN to BATT
Dropout Resistance
RCHGIN2BAT
Calculation estimates a 0.04Ω inductor
resistance (RL).
RCHGIN2BAT = RCHGIN2BYP + RHS + RL
+ RBAT2SYS
165
mΩ
LX Leakage Current
LX = PGND or BYP, TA = +25°C
0.01
10
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com