Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX77751 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX77751
Description  3.15A USB-C Autonomous Charger for 1-Cell Li Batteries
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX77751 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX77751 Datasheet HTML 3Page - Maxim Integrated Products MAX77751 Datasheet HTML 4Page - Maxim Integrated Products MAX77751 Datasheet HTML 5Page - Maxim Integrated Products MAX77751 Datasheet HTML 6Page - Maxim Integrated Products MAX77751 Datasheet HTML 7Page - Maxim Integrated Products MAX77751 Datasheet HTML 8Page - Maxim Integrated Products MAX77751 Datasheet HTML 9Page - Maxim Integrated Products MAX77751 Datasheet HTML 10Page - Maxim Integrated Products MAX77751 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
MAX77751
3.15A USB-C Autonomous Charger
for 1-Cell Li+ Batteries
www.maximintegrated.com
Maxim Integrated | 7
(Limits are 100% tested at TA = +25°C. Limits over the operating temperature range and relevant supply voltage range are guaranteed
by design and characterization.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Charger Restart
Deglitch Time
10mV overdrive, 100ns rise time
130
ms
Charger Enable
Threshold
VCHGR_EN
295.2
367.7
439.7
mV
Top-Off Current
Program Range
ITO
Resistor programmable from 100mA to
350mA
100
350
mA
Top-Off Current
Accuracy
Gain
5
%
Offset
20
mA
Charge Termination
Deglitch Time
tTERM
2mV overdrive, 100ns rise/fall time
30
ms
Charger Soft Start Time
tSS
1.5
ms
BATT to SYS Reverse
Regulation Voltage
VBSREG
IBATT = 10mA
70
mV
Load regulation during the reverse
regulation mode
1
mV/A
Minimum SYS Voltage
VSYSMIN
3.5
V
Minimum SYS Voltage
Accuracy
VSYSMIN
-3
+3
%
Prequalification Time
tPQ
Applies to both low-battery precharge and
trickle modes
30
min
Fast-Charge Constant
Current Plus Fast-
Charge Constant
Voltage Time
tFC
6
hours
Top-Off Time
tTO
30
s
Timer Accuracy
-20
+20
%
Junction Temperature
Thermal Regulation
Loop Setpoint Program
Range
TREG
Junction temperature when charge
current is reduced
130
°C
Thermal Regulation
Gain
ATJREG
IFC = 3.15A
-157.5
mA/°C
Battery Overcurrent
Threshold
IBOVCR
6.0
A
Battery Overcurrent
Debounce Time
tBOVRC
6
ms
Battery Overcurrent
Retry
tOCP_RETRY
0.15
sec
Battery Overcurrent
Protection Quiescent
Current
IBOVRC
3 +
IBATT/
18040
µA
System Power-Up
Current
ISYSPU
35
50
80
mA
System Power-Up
Voltage
VSYSPU
VSYS rising, 100mV hysteresis
1.9
2.0
2.1
V
INOKB, STAT
Logic Input Leakage
Current
0.1
1
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com