| Electronic Components Datasheet Search |
|
K32L2AX Datasheet(PDF) 3 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
K32L2AX Datasheet(HTML) 3 Page - NXP Semiconductors |
|
3 / 96 page ![]() Table of Contents 1 Ordering information............................................................5 2 Overview............................................................................. 5 2.1 System features.........................................................6 2.1.1 Arm Cortex-M0+ core.................................. 6 2.1.2 NVIC............................................................ 7 2.1.3 AWIC........................................................... 7 2.1.4 Memory........................................................8 2.1.5 Reset and boot............................................ 8 2.1.6 Clock options............................................... 11 2.1.7 Security........................................................13 2.1.8 Power management.....................................14 2.1.9 LLWU...........................................................16 2.1.10 Debug controller.......................................... 18 2.2 Peripheral features.....................................................18 2.2.1 16-bit SAR ADC...........................................18 2.2.2 Crossbar Switch Lite (AXBS-Lite)................18 2.2.3 Bit Manipulation Engine2 (BME2)................19 2.2.4 Cryptographic Acceleration Unit (CAU)....... 19 2.2.5 Comparator (CMP)...................................... 19 2.2.6 12-bit DAC................................................... 20 2.2.7 Direct Memory Access Multiplexer (DMAMUX).................................................. 20 2.2.8 EMVSIM.......................................................20 2.2.9 Flexible I/O (FlexIO).....................................20 2.2.10 General-Purpose Input/Output (GPIO)........ 21 2.2.11 Low Power Inter-Integrated Circuit (LPI2C).21 2.2.12 The Low Power Periodic Interrupt Timer (LPIT)...........................................................21 2.2.13 Low Power Serial Peripheral Interface (LPSPI)........................................................ 22 2.2.14 Low-Power Timer (LPTMR)......................... 22 2.2.15 Low Power Universal Asynchronous Receiver/Transmitter (LPUART)..................22 2.2.16 Peripheral Clock Control (PCC)...................23 2.2.17 Real Time Clock (RTC)................................23 2.2.18 Timer/PWM Module (TPM).......................... 23 2.2.19 Touch Sensing Input (TSI)...........................23 2.2.20 Universal Serial Bus (USB) FS.................... 24 2.2.21 Voltage Reference (VREF).......................... 24 2.2.22 Watchdog (WDOG)......................................25 3 Memory Map....................................................................... 25 4 Pinouts and Packaging....................................................... 27 4.1 Signal Multiplexing and Pin Assignments.................. 27 4.2 K32 L2A Pinouts........................................................ 31 5 Dimensions..........................................................................33 5.1 Obtaining package dimensions..................................33 6 Ratings................................................................................ 34 6.1 Thermal handling ratings........................................... 34 6.2 Moisture handling ratings...........................................34 6.3 ESD handling ratings................................................. 34 6.4 Voltage and current operating ratings........................35 7 General............................................................................... 35 7.1 AC electrical characteristics.......................................35 7.2 Nonswitching electrical specifications........................36 7.2.1 Voltage and current operating requirements................................................36 7.2.2 LVD, HVD, and POR operating requirements................................................37 7.2.3 Voltage and current operating behaviors.....38 7.2.4 Power mode transition operating behaviors 39 7.2.5 Power consumption operating behaviors.....40 7.2.6 EMC radiated emissions operating behaviors..................................................... 48 7.2.7 Designing with radiated emissions in mind..49 7.2.8 Capacitance attributes.................................49 7.3 Switching specifications.............................................49 7.3.1 Device clock specifications.......................... 49 7.3.2 General switching specifications..................50 7.4 Thermal specifications............................................... 52 7.4.1 Thermal operating requirements..................52 7.4.2 Thermal attributes........................................52 8 Peripheral operating requirements and behaviors.............. 53 8.1 Core modules.............................................................53 8.1.1 SWD electricals .......................................... 53 8.2 System modules........................................................ 54 8.3 Clock modules........................................................... 54 8.3.1 System Clock Generation (SCG) specifications............................................... 54 8.3.2 Oscillator electrical specifications................ 57 8.4 Memories and memory interfaces..............................59 8.4.1 Flash electrical specifications...................... 59 8.5 Security and integrity modules...................................61 8.6 Analog........................................................................61 8.6.1 ADC electrical specifications....................... 61 8.6.2 Voltage reference electrical specifications...66 8.6.3 CMP and 6-bit DAC electrical specifications............................................... 67 8.6.4 12-bit DAC electrical characteristics............ 69 8.7 Timers........................................................................72 8.8 Communication interfaces......................................... 72 8.8.1 EMV SIM specifications............................... 72 8.8.2 USB electrical specifications........................77 8.8.3 USB VREG electrical specifications............ 78 8.8.4 LPSPI switching specifications.................... 78 8.8.5 LPI2C...........................................................83 8.8.6 LPUART.......................................................83 8.9 Human-machine interfaces (HMI).............................. 84 8.9.1 TSI electrical specifications......................... 84 9 Design considerations.........................................................84 9.1 Hardware design considerations................................84 K32 L2A Microcontroller with 512 KB Flash and 128 KB SRAM, Rev. 3, 02/2021 3 NXP Semiconductors |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |