| Electronic Components Datasheet Search |
|
K32L2AX Datasheet(PDF) 50 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
K32L2AX Datasheet(HTML) 50 Page - NXP Semiconductors |
|
50 / 96 page ![]() Table 20. Device clock specifications (continued) Symbol Description Min. Max. Unit Run mode1 fWDOG, fTSI WDOG clock, TSI clock — 24 MHz High speed run mode and Normal speed run mode — 1 MHz VLPR mode fADC ADC clock — 242 MHz High speed run mode and Normal speed run mode — 8 MHz VLPR mode fRTC RTC clock — 32.768 KHz All modes fTSTMR TSTMR clock — 1 MHz All modes fLPTMR LPTMR clock — 24 MHz All modes fTPM, fLPIT, fLPSPI, fLPI2C, fLPUART, fEMVSIM, fFLEXIO TPM clock, LPIT clock, LPSPI clock, LPI2C clock, LPUART clock, EMVSIM clock, FlexIO clock — 96 MHz High speed run mode — 72 MHz Normal speed run mode — 8 MHz VLPR mode fUSB USB clock — 48 MHz High speed run mode and Normal speed run mode — 0 MHz VLPR mode fERCLK External reference clock — 48 MHz High speed run mode and Normal speed run mode 16 MHz VLPR mode fosc_hi_2 Oscillator crystal or resonator frequency — high frequency mode (high range) (SCG_SOSCCFG[RANGE]=11) — 32 MHz High speed run mode and Normal speed run mode — 16 MHz VLPR mode fCAU, fGPIO CAU clock, GPIO clock — 96 MHz High speed run mode — 72 MHz Normal speed run mode — 8 MHz VLPR mode 1. Normal run mode, High speed run mode, and VLPR mode. 2. See ADC electrical specifications 7.3.2 General switching specifications These general-purpose specifications apply to all signals configured for GPIO, LPI2C, and LPUART signals. General 50 K32 L2A Microcontroller with 512 KB Flash and 128 KB SRAM, Rev. 3, 02/2021 NXP Semiconductors |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |