| Electronic Components Datasheet Search |
|
EDSTRG28PLCCCX Datasheet(PDF) 32 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
EDSTRG28PLCCCX Datasheet(HTML) 32 Page - Texas Instruments |
|
32 / 78 page ![]() TIMING CONVENTIONS 1–24 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251–1443 hold time The time interval during which a signal is retained at a specified input terminal after an active transition occurs at another specified input terminal. NOTES: 1. The hold time is the actual time interval between two signal events and is determined by the system in which the digital circuit operates. A minimum value is specified that is the shortest interval for which correct operation of the digital circuit is assured. 2. The hold time can have a negative value in which case the minimum limit defines the longest interval (between the release of the signal and the active transition) for which correct operation of the digital circuit is assured. Example symbology: Classified Description th(EH-A) Hold time, address, R / W and OCF from EDS, CSE1, CSE2, CSH1, CSH2, CSH3, and CSPF high th(EH-D)W Hold time, write data time from EDS high th(EH-D)R Hold time, read time from EDS high th(SCH-WT) Hold time, WAIT time from SYSCLK high th(AN) Hold time, analog input from start of conversion NOTE: The from-to sequence in the order of subscripts in the unclassified form is maintained in the classified form. In the case of hold times, this causes the order to seem reversed from what would be suggested by the terms. pulse duration (width) The time interval between the specified reference points on the leading and trailing edges of the pulse waveform. Example symbology: Classified Description tw(CI) Pulse duration, XTAL2 / CLKIN tw(PGM)B Pulse duration, programming signal to ensure valid data is stored (byte mode) tw(PGM)AR Pulse duration, programming signal to ensure valid data is stored (array mode) tw(EPGM) Pulse duration, programming signal tw(SCL) Pulse duration, SYSCLK low tw(SCH) Pulse duration, SYSCLK high tw(SCCL) Pulse duration, SCICLK low tw(SCCH) Pulse duration, SCICLK high tw(SPCL) Pulse duration, SPICLK low tw(SPCH) Pulse duration, SPICLK high tw(S) Pulse duration, sample time per kilohm of source impedance tw Pulse duration, EDS, CSE1, CSE2, CSH1, CSH2, CSH3, and CSPF low |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |