Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EDSTRG28PLCCCX Datasheet(PDF) 40 Page - Texas Instruments

Part # EDSTRG28PLCCCX
Description  TMS370 MICROCONTROLLER FAMILY DATA BOOK
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

EDSTRG28PLCCCX Datasheet(HTML) 40 Page - Texas Instruments

Back Button EDSTRG28PLCCCX Datasheet HTML 36Page - Texas Instruments EDSTRG28PLCCCX Datasheet HTML 37Page - Texas Instruments EDSTRG28PLCCCX Datasheet HTML 38Page - Texas Instruments EDSTRG28PLCCCX Datasheet HTML 39Page - Texas Instruments EDSTRG28PLCCCX Datasheet HTML 40Page - Texas Instruments EDSTRG28PLCCCX Datasheet HTML 41Page - Texas Instruments EDSTRG28PLCCCX Datasheet HTML 42Page - Texas Instruments EDSTRG28PLCCCX Datasheet HTML 43Page - Texas Instruments EDSTRG28PLCCCX Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 78 page
background image
GLOSSARY/SYMBOLS, TERMS, AND DEFINITIONS
1–32
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
G
gang programmer:
An interactive, menu-driven system that provides programming support for on-chip EEPROM
or EPROM of the TMS370 microcontrollers in a production environment
H
HALT mode:
An operating mode that reduces operating power by stopping the internal clock, which stops
processing in all the modules. This is the lowest-power mode in which all register contents are preserved.
I
IDLE mode:
An operating mode in which the CPU stops processing and waits for the next interrupt. It is not a low-
power mode.
immediate operand:
An operand whose actual constant value is specified in the instruction and placed after the
opcode in the machine code
index:
An 8-bit unsigned number added to a base address to give a final address
instruction:
The basic unit of programming that causes the execution of one operation; consists of an opcode and
operands, along with optional labels and comments
interrupt:
A signal to the CPU that stops the flow of a program and forces the CPU to execute instructions at an
address corresponding to the source of the interrupt. When the interrupt is finished, the CPU resumes execution
at the point where it was interrupted.
isochronous:
see isosynchronous-communications mode
isosynchronous-communications mode:
An SCI mode in which data transmission is synchronized by a
clock signal (SCICLK) common to both the sender and receiver. The format is identical to the asynchronous-
communications mode and consists of a start bit, data bits, an optional parity bit, and a stop bit.
K
K:
When used in the context of specifying a given number of bits of information, 1K = 210 = 1024 bits. Thus,
64K = 64
× 1024 = 65 536 bits.
L
label:
A symbol that begins in column 1 of a source statement and corresponds to the address of that statement.
linker:
A software tool that combines object files to form an object module that can be allocated into system memory
and executed by the devices
LOW ADDR/HI ADDR:
External memory address bus. Output only. Port B is the low address, and Port C is the high
address.
low-power mode:
An operating mode that reduces operating power by reducing or stopping the activity of various
modules. There are two low-power modes: HALT and STANDBY.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com