Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT49CV3 Datasheet(PDF) 22 Page - Holtek Semiconductor Inc

Part # HT49CV3
Description  Remote Control Receiver SWIP
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT49CV3 Datasheet(HTML) 22 Page - Holtek Semiconductor Inc

Back Button HT49CV3 Datasheet HTML 18Page - Holtek Semiconductor Inc HT49CV3 Datasheet HTML 19Page - Holtek Semiconductor Inc HT49CV3 Datasheet HTML 20Page - Holtek Semiconductor Inc HT49CV3 Datasheet HTML 21Page - Holtek Semiconductor Inc HT49CV3 Datasheet HTML 22Page - Holtek Semiconductor Inc HT49CV3 Datasheet HTML 23Page - Holtek Semiconductor Inc HT49CV3 Datasheet HTML 24Page - Holtek Semiconductor Inc HT49CV3 Datasheet HTML 25Page - Holtek Semiconductor Inc HT49CV3 Datasheet HTML 26Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 47 page
background image
HT49CV3
Rev. 1.10
22
2005-07-12
位
符号
功
能
0
RMTVF
遥控定时器溢出中断请求标志
(1=有;0=无)
1
RTF
实时时钟中断请求标志
(1=有;0=无)
2
RMT0F
遥控定时器上升沿中断请求标志
(1=有;0=无)
3
RMT1F
遥控定时器下降沿中断请求标志
(1=有;0=无)
4
ERTI
实时时钟控制位
(1=允许;0=禁止)
5~7
—
未用,读出为“
0”
MFIS(29H)寄存器
串行接口
串行接口功能包含四个基本信号:
SDI(串行数据输入)、SDO(串行数据输出)、SCK(串行时钟)、SCS (从
选择引脚
)
两个寄存器
(SBCR & SBDR) 为串行接口专有,提供控制、状态和数据存储功能。
SIO 时序图
位
符号
功
能
0
—
未用,读出为“
0”
1
WCOL
此位表示缓冲
SBDR 的状态
1:写入 SBDR 使能(由 SIO 设置)
2:读 SBDR 使能(用户自己清零)
2
CSEN
串行总线选择信号
3
MLS
MSB 和 LSB 转换第一控制位(1:MSB;0:LSB)
4
SBEN
串行总线选择位
(1:使能;0:禁止)
5,6
MO,M1
主
/从模式选择位:M1,M0=
00:主模式,波特率=fSIO
01:主模式,波特率=fSIO/4
10:主模式,波特率=fSIO/16
11:从模式
7
CKS
时钟源选择位
(0= fSYS/4;1=fRTC)
SBCR(1FH)寄存器



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com