Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

68HC05JB4 Datasheet(PDF) 44 Page - Freescale Semiconductor, Inc

Part # 68HC05JB4
Description  68HC05JB4
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC05JB4 Datasheet(HTML) 44 Page - Freescale Semiconductor, Inc

Back Button 68HC05JB4 Datasheet HTML 40Page - Freescale Semiconductor, Inc 68HC05JB4 Datasheet HTML 41Page - Freescale Semiconductor, Inc 68HC05JB4 Datasheet HTML 42Page - Freescale Semiconductor, Inc 68HC05JB4 Datasheet HTML 43Page - Freescale Semiconductor, Inc 68HC05JB4 Datasheet HTML 44Page - Freescale Semiconductor, Inc 68HC05JB4 Datasheet HTML 45Page - Freescale Semiconductor, Inc 68HC05JB4 Datasheet HTML 46Page - Freescale Semiconductor, Inc 68HC05JB4 Datasheet HTML 47Page - Freescale Semiconductor, Inc 68HC05JB4 Datasheet HTML 48Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 134 page
background image
GENERAL RELEASE SPECIFICATION
February 24, 1999
MOTOROLA
LOW POWER MODES
MC68HC05JB4
6-2
REV 2
Figure 6-1. STOP and WAIT Flowchart
STOP
EXTERNAL
RESET?
EXTERNAL
INTERRUPT?
NO
NO
START STABILIZATION DELAY
YES
YES
END OF
STABILIZATION
DELAY?
YES
NO
WAIT
RESTART INTERNAL PROCESSOR CLOCK
1. LOAD PC WITH RESET VECTOR
OR
2. SERVICE INTERRUPT.
a. SAVE CPU REGISTERS ON STACK.
b. SET I BIT IN CCR.
c. LOAD PC WITH INTERRUPT VECTOR.
NO
EXTERNAL
RESET?
YES
NO
YES
NO
EXTERNAL
INTERRUPT?
YES
NO
USB
INTERRUPT?
YES
RESET OR
NO
YES
IRQ2
INTERRUPT?
EXTERNAL
YES
NO
STOP EXTERNAL OSCILLATOR,
STOP INTERNAL TIMER CLOCK,
RESET START-UP DELAY
STOP INTERNAL PROCESSOR CLOCK,
CLEAR I-BIT IN CCR,
SET IRQE IN ICSR
EXTERNAL
INTERRUPT?
USB
INTERRUPT
NO
NO
YES
YES
IRQ
IRQ2
OR RESET?
RESTART EXTERNAL OSCILLATOR,
IRQ
TIMER1
INTERRUPT?
INTERNAL
MFT
INTERRUPT?
INTERNAL
EXTERNAL OSCILLATOR ACTIVE,
INTERNAL TIMER CLOCK ACTIVE
STOP INTERNAL PROCESSOR CLOCK,
CLEAR I-BIT IN CCR,
SET IRQE IN ICSR
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com