Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

68HC05JB4 Datasheet(PDF) 48 Page - Freescale Semiconductor, Inc

Part # 68HC05JB4
Description  68HC05JB4
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC05JB4 Datasheet(HTML) 48 Page - Freescale Semiconductor, Inc

Back Button 68HC05JB4 Datasheet HTML 44Page - Freescale Semiconductor, Inc 68HC05JB4 Datasheet HTML 45Page - Freescale Semiconductor, Inc 68HC05JB4 Datasheet HTML 46Page - Freescale Semiconductor, Inc 68HC05JB4 Datasheet HTML 47Page - Freescale Semiconductor, Inc 68HC05JB4 Datasheet HTML 48Page - Freescale Semiconductor, Inc 68HC05JB4 Datasheet HTML 49Page - Freescale Semiconductor, Inc 68HC05JB4 Datasheet HTML 50Page - Freescale Semiconductor, Inc 68HC05JB4 Datasheet HTML 51Page - Freescale Semiconductor, Inc 68HC05JB4 Datasheet HTML 52Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 134 page
background image
GENERAL RELEASE SPECIFICATION
February 24, 1999
MOTOROLA
INPUT/OUTPUT PORTS
MC68HC05JB4
7-2
REV 2
7.2
PORT-A
Port-A is an 8-bit bi-directional port. The port-A data register is at $0000 and the
data direction register (DDRA) is at $0004. Reset does not affect the data regis-
ters, but clears the data direction registers, thereby returning the port pins to
inputs. Writing a ‘1’ to a DDR bit sets the corresponding port bit to output mode.
Each pin in Port-A has an internal pull-up resistor (50k
Ω typical) which can be
individually enabled by writing a ‘1’ to the corresponding bit in the Port-A pull-up
control register at location $0010. PA0 to PA4 have built-in schmitt triggered input
to improve noise immunity.
PA5 to PA7 port pins each has built in high current drive (10mA sink typical) for
direct LED drive. In addition, PA6 and PA7 each has optional 25mA drive which
can be enabled by Mask Option. To minimize EME (Electro-Magnetic Emission)
noise, PA6 and PA7 has slow output transition which can be enabled by writing a
‘1’ to bit-7 of the Port-B data direction register at location $0005.
PA0 to PA3 and PA4 can be used to generate IRQ and IRQ2 interrupts respec-
tively. PA0 to PA3 and PA4 cannot generate interrupts via IRQ and IRQ2 if these
port pins are configured as output pins.
If the pull-up device is enabled and the port pin is configured as output, the output
port becomes an open-drain output with 50k
Ω pull-up.
NOTE
Enabling or disabling the SLOW edge function on PA6 and PA7 does not change
the pin configuration. Reading from an output pin will return the content of the
data register.
7.2.1 Port-A Data Register
Port-A PURX
Port-A DDRX
Pin Configuration
0
0
Input
0
1
Output Push/Pull
1
0
Input with 50k pull-up
1
1
Open-drain Output with 50k pull-up
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
PTA
R
PA7
PA6
PA5
PA4
PA3
PA2
PA1
PA0
$0000
W
reset:
00000000
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com