Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

68HC05JB4 Datasheet(PDF) 82 Page - Freescale Semiconductor, Inc

Part # 68HC05JB4
Description  68HC05JB4
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC05JB4 Datasheet(HTML) 82 Page - Freescale Semiconductor, Inc

Back Button 68HC05JB4 Datasheet HTML 78Page - Freescale Semiconductor, Inc 68HC05JB4 Datasheet HTML 79Page - Freescale Semiconductor, Inc 68HC05JB4 Datasheet HTML 80Page - Freescale Semiconductor, Inc 68HC05JB4 Datasheet HTML 81Page - Freescale Semiconductor, Inc 68HC05JB4 Datasheet HTML 82Page - Freescale Semiconductor, Inc 68HC05JB4 Datasheet HTML 83Page - Freescale Semiconductor, Inc 68HC05JB4 Datasheet HTML 84Page - Freescale Semiconductor, Inc 68HC05JB4 Datasheet HTML 85Page - Freescale Semiconductor, Inc 68HC05JB4 Datasheet HTML 86Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 134 page
background image
GENERAL RELEASE SPECIFICATION
February 24, 1999
MOTOROLA
UNIVERSAL SERIAL BUS MODULE
MC68HC05JB4
10-16
REV 2
10.4.4.2 Bit Stuffing
In order to ensure adequate signal transitions, bit stuffing is employed by the
transmitting device when sending a packet on the USB (see Figure 10-18 and
Figure 10-19). A 0 is inserted after every six consecutive 1’s in the data stream
before the data is NRZI encoded to force a transition in the NRZI data stream.
This gives the receiver logic a data transition at least once every seven bit times to
guarantee the data and clock lock. The receiver must decode the NRZI data,
recognize the stuffed bits, and discard them. Bit stuffing is enabled beginning with
the Sync Pattern and throughout the entire transmission. The data “one” that ends
the Sync Pattern is counted as the first one in a sequence. Bit stuffing is always
enforced, without exception. If required by the bit stuffing rules, a zero bit will be
inserted even if it is the last bit before the end-of-packet (EOP) signal.
Figure 10-18. Bit Stuffing
IDLE
NRZI
ENCODED
DATA
BIT
STUFFED
DATA
RAW
DATA
STUFFED BIT
SYNC PATTERN
PACKET DATA
PACKET DATA
SYNC PATTERN
PACKET DATA
SYNC PATTERN
SIX ONES
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com