Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

68HC05JB4 Datasheet(PDF) 92 Page - Freescale Semiconductor, Inc

Part # 68HC05JB4
Description  68HC05JB4
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC05JB4 Datasheet(HTML) 92 Page - Freescale Semiconductor, Inc

Back Button 68HC05JB4 Datasheet HTML 88Page - Freescale Semiconductor, Inc 68HC05JB4 Datasheet HTML 89Page - Freescale Semiconductor, Inc 68HC05JB4 Datasheet HTML 90Page - Freescale Semiconductor, Inc 68HC05JB4 Datasheet HTML 91Page - Freescale Semiconductor, Inc 68HC05JB4 Datasheet HTML 92Page - Freescale Semiconductor, Inc 68HC05JB4 Datasheet HTML 93Page - Freescale Semiconductor, Inc 68HC05JB4 Datasheet HTML 94Page - Freescale Semiconductor, Inc 68HC05JB4 Datasheet HTML 95Page - Freescale Semiconductor, Inc 68HC05JB4 Datasheet HTML 96Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 134 page
background image
GENERAL RELEASE SPECIFICATION
February 24, 1999
MOTOROLA
UNIVERSAL SERIAL BUS MODULE
MC68HC05JB4
10-26
REV 2
10.5.9 USB Endpoint 1/Endpoint 2 Data Registers (UE1D0-UE1D7)
UE1TD7 - UE1TD0 — Endpoint 1/ Endpoint 2 Transmit Data Buffer
These write only buffers are loaded by software with data to be sent on the
USB bus on the next IN token directed at Endpoint 1 or Endpoint 2. These buff-
ers are shared by Endpoints 1 and 2 and depend on proper configuration of the
ENDADD bit.
10.6
USB INTERRUPTS
The USB module is capable of generating interrupts and causing the CPU to
execute the USB interrupt service routine. There are three types of USB
interrupts:
•
End of Transaction interrupts signify a completed transaction (receive or
transmit)
•
Resume interrupts signify that the USB bus is reactivated after having
been suspended
•
End of Packet interrupts signify that a low speed end of packet signal
was detected
All USB interrupts share the same interrupt vector. Firmware is responsible for
determining which interrupt is active.
10.6.1 USB End of Transaction Interrupt
There are three possible end of transaction interrupts: Endpoint 0 Receive,
Endpoint 0 Transmit, and a shared Endpoint 1 or Endpoint 2 Transmit. End of
transaction interrupts occur as detailed in the following sections.
10.6.1.1 Receive Control Endpoint 0
For a Control OUT transaction directed at Endpoint 0, the USB module will
generate an interrupt by setting the RXD0F flag in the UIR0 register. The
conditions necessary for the interrupt to occur are shown in the flowchart of
Figure 10-29.
SETUP transactions cannot be stalled by the USB function. A SETUP received by
a control endpoint will clear the STALL0 bit if it is set. The conditions for receiving
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
UE1D0
R
$0028
W
UE1TD7 UE1TD6 UE1TD5 UE1TD4 UE1TD3 UE1TD2 UE1TD1 UE1TD0
to
::::::::
::::::::
UE1D7
R
$002F
W
UE1TD7 UE1TD6 UE1TD5 UE1TD4 UE1TD3 UE1TD2 UE1TD1 UE1TD0
reset:
XXXXXXXX
Figure 10-28. USB Endpoint 1/Endpoint2 Data Registers (UE1D0-UE1D7)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com