Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

68HC05JB4 Datasheet(PDF) 86 Page - Freescale Semiconductor, Inc

Part # 68HC05JB4
Description  68HC05JB4
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC05JB4 Datasheet(HTML) 86 Page - Freescale Semiconductor, Inc

Back Button 68HC05JB4 Datasheet HTML 82Page - Freescale Semiconductor, Inc 68HC05JB4 Datasheet HTML 83Page - Freescale Semiconductor, Inc 68HC05JB4 Datasheet HTML 84Page - Freescale Semiconductor, Inc 68HC05JB4 Datasheet HTML 85Page - Freescale Semiconductor, Inc 68HC05JB4 Datasheet HTML 86Page - Freescale Semiconductor, Inc 68HC05JB4 Datasheet HTML 87Page - Freescale Semiconductor, Inc 68HC05JB4 Datasheet HTML 88Page - Freescale Semiconductor, Inc 68HC05JB4 Datasheet HTML 89Page - Freescale Semiconductor, Inc 68HC05JB4 Datasheet HTML 90Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 134 page
background image
GENERAL RELEASE SPECIFICATION
February 24, 1999
MOTOROLA
UNIVERSAL SERIAL BUS MODULE
MC68HC05JB4
10-20
REV 2
SUSPND — USB Suspend Flag
To save power, this read/write bit should be set by the software if a 3ms con-
stant idle state is detected on USB bus. Setting this bit stops the clock to the
USB and causes the USB module to enter Suspend mode. Unnecessary ana-
log circuitry will be powered down. Software must clear this bit after the
Resume flag (RESUMF) is set while this Resume interrupt flag is serviced.
TXD0IE — Endpoint 0 Transmit Interrupt Enable
This read/write bit enables the Transmit Endpoint 0 to generate a USB interrupt
when the TXD0F bit becomes set.
1 =
USB interrupts enabled for Transmit Endpoint 0
0 =
USB interrupts disabled for Transmit Endpoint 0
RXD0IE — Endpoint 0 Receive Interrupt Enable
This read/write bit enables the Transmit Endpoint 0 to generate a USB interrupt
when the RXD0F bit becomes set.
1 =
USB interrupts enabled for Receive Endpoint 0
0 =
USB interrupts disabled for Receive Endpoint 0
TXD0FR — Endpoint 0 Transmit Flag Reset
Writing a logic 1 to this write only bit will clear the TXD0F bit if it is set.Writing a
logic 0 to TXD0FR has no effect. Reset clears this bit.
RXD0FR — Endpoint 0 Receive Flag Reset
Writing a logic 1 to this write only bit will clear the RXD0F bit if it is set.Writing a
logic 0 to RXD0FR has no effect. Reset clears this bit.
10.5.3 USB Interrupt Register 1 (UIR1)
TXD1F — Endpoint 1/Endpoint 2 Data Transmit Flag
This read only bit is shared by Endpoint 1 and Endpoint 2. It is set after the data
stored in the shared Endpoint 1/Endpoint 2 transmit buffer has been sent and
an ACK handshake packet from the host is received. Once the next set of data
is ready in the transmit buffers, software must clear this flag by writing a logic 1
to the TXD1FR bit. To enable the next data packet transmission, TX1E must
also be set. If TXD1F bit is not cleared, a NAK handshake will be returned in
the next IN transaction.
Reset clears this bit. Writing a logic 0 to TXD1F has no effect.
1 =
Transmit on Endpoint 1 or Endpoint 2 has occurred
0 =
Transmit on Endpoint 1 or Endpoint 2 has not occurred
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
UIR1
R
TXD1F
EOPF
RESUMF
0
TXD1IE
EOPIE
00
$003A
W
RESUMFR
TXD1FR
EOPFR
reset:
00000000
= Unimplemented
Figure 10-22. USB Interrupt Register 1(UIR1)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com