Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMC2301 Datasheet(PDF) 27 Page - Microchip Technology

Part # EMC2301
Description  Single/Multiple RPM-Based PWM Fan Controller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC2301 Datasheet(HTML) 27 Page - Microchip Technology

Back Button EMC2301 Datasheet HTML 23Page - Microchip Technology EMC2301 Datasheet HTML 24Page - Microchip Technology EMC2301 Datasheet HTML 25Page - Microchip Technology EMC2301 Datasheet HTML 26Page - Microchip Technology EMC2301 Datasheet HTML 27Page - Microchip Technology EMC2301 Datasheet HTML 28Page - Microchip Technology EMC2301 Datasheet HTML 29Page - Microchip Technology EMC2301 Datasheet HTML 30Page - Microchip Technology EMC2301 Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 70 page
background image
 2021 Microchip Technology Inc.
DS20006532A-page 27
EMC2301/2/3/5
TACH 3
Reading High
Byte
5Eh
F3TR12 F3TR11 F3TR10 F3TR9
F3TR8
F3TR7
F3TR6
F3TR5
No
FFh
TACH 3
Reading Low
Byte
5Fh
F3TR4
F3TR3
F3TR2
F3TR1
F3TR0
—
—
—No
F8h
Fan 4 Setting
60h
F4SP7
F4SP6
F4SP5
F4SP4
F4SP3
F4SP2
F4SP1
F4SP0
No
00h
PWM 4 Divide
61h
PM4D7 PM4D6 PM4D5 PM4D4 PM4D3 PM4D2 PM4D1 PM4D0
No
01h
Fan 4
Configuration 1
62h
ENAG4 RNG41 RNG40 EDG41
EDG40
UDT42
UDT41
UDT40
No
2Bh
Fan 4
Configuration 2
63h
—
ENRC4 GHEN4
DPT41
DPT40
ERG41
ERG40
—SWL
28h
Gain 4
65h
—
—
GDE41
GDE40
GIN41
GIN40
GPR41
GPR40 SWL
2Ah
Fan 4 Spin Up
Configuration
66h
DFC41
DFC40
NKCK4 SPLV42 SPLV41 SPLV40 SPT41
SPT40 SWL
19h
Fan 4 Max Step
67h
—
—
F4MS5
F4MS4
F4MS3
F4MS2
F4MS1
F4MS0 SWL
10h
Fan 4 Minimum
Drive
68h
F4MN7
F4MN6
F4MN5
F4MN4
F4MN3
F4MN2
F4MN1
F4MN0 SWL
66h
(40%)
Fan 4 Valid
TACH Count
69h
F4VT7
F4VT6
F4VT5
F4VT4
F4VT3
F4VT2
F4VT1
F4VT0
SWL
F5h
Fan 4 Drive Fail
Band Low Byte
6Ah
F4DF4
F4DF3
F4DF2
F4DF1
F4DF0
—
—
—SWL
00h
Fan 4 Drive Fail
Band High Byte
6Bh
F4DF12 F4DF11 F4DF10 F4DF9
F4DF8
F4DF7
F4DF6
F4DF5 SWL
00h
TACH 4 Target
Low Byte
6Ch
F4TT4
F4TT3
F4TT2
F4TT1
F4TT0
—
—
—No
F8h
TACH 4 Target
High Byte
6Dh
F4TT12 F4TT11 F4TT10
F4TT9
F4TT8
F4TT7
F4TT6
F4TT5
No
FFh
TACH 4
Reading High
Byte
6Eh
F4TR12 F4TR11 F4TR10 F4TR9
F4TR8
F4TR7
F4TR6
F4TR5
No
FFh
TACH 4
Reading Low
Byte
6Fh
F4TR4
F4TR3
F4TR2
F4TR1
F4TR0
—
—
—No
F8h
Fan 5 Setting
70h
F5SP7
F5SP6
F5SP5
F5SP4
F5SP3
F5SP2
F5SP1
F5SP0
No
00h
PWM 5 Divide
71h
PM5D7 PM5D6 PM5D5 PM5D4 PM5D3 PM5D2 PM5D1 PM5D0
No
01h
Fan 5
Configuration 1
72h
ENAG5 RNG51 RNG50 EDG51
EDG50
UDT52
UDT51
UDT50
No
2Bh
Fan 5
Configuration 2
73h
—
ENRC5 GHEN5
DPT51
DPT50
ERG51
ERG50
—SWL
28h
Gain 5
75h
—
—
GDE51
GDE50
GIN51
GIN50
GPR51
GPR50 SWL
2Ah
Fan 5 Spin Up
Configuration
76h
DFC51
DFC50
NKCK5 SPLV52 SPLV51 SPLV50 SPT51
SPT50 SWL
19h
Fan 5 Max Step
77h
—
—
F5MS5
F5MS4
F5MS3
F5MS2
F5MS1
F5MS0 SWL
10h
Fan 5 Minimum
Drive
78h
F5MN7
F5MN6
F5MN5
F5MN4
F5MN3
F5MN2
F5MN1
F5MN0 SWL
66h
(40%)
Fan 5 Valid
TACH Count
79h
F5VT7
F5VT6
F5VT5
F5VT4
F5VT3
F5VT2
F5VT1
F5VT0
SWL
F5h
TABLE 6-1:
REGISTER SET IN HEXADECIMAL ORDER (CONTINUED)
Register Name
Reg.
Addr.
Bit 7Bit 6Bit 5Bit 4Bit 3Bit 2Bit 1Bit 0
Lock
POR
Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com