Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMC2301 Datasheet(PDF) 42 Page - Microchip Technology

Part # EMC2301
Description  Single/Multiple RPM-Based PWM Fan Controller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC2301 Datasheet(HTML) 42 Page - Microchip Technology

Back Button EMC2301 Datasheet HTML 38Page - Microchip Technology EMC2301 Datasheet HTML 39Page - Microchip Technology EMC2301 Datasheet HTML 40Page - Microchip Technology EMC2301 Datasheet HTML 41Page - Microchip Technology EMC2301 Datasheet HTML 42Page - Microchip Technology EMC2301 Datasheet HTML 43Page - Microchip Technology EMC2301 Datasheet HTML 44Page - Microchip Technology EMC2301 Datasheet HTML 45Page - Microchip Technology EMC2301 Datasheet HTML 46Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 70 page
background image
EMC2301/2/3/5
DS20006532A-page 42
 2021 Microchip Technology Inc.
6.18
Maximum Step Size Register
This register determines the maximum step size for the
ramp rate control (see Section 4.3.3.3 “Fan Drive
Max Step” and Section 4.10 “Ramp Rate Control”).
The contents of the register represent the weighting of
each bit in determining the final maximum step size for
the ramp rate control.
6.19
Fan Minimum Drive Register
The Fan Minimum Drive Register (see Section 4.3.3.4
“Minimum Drive Setting”) stores the minimum drive
setting for each RPM-based Fan Speed Control
algorithm. The contents of the register represent the
weighting of each bit in determining the final minimum
fan driver setting.
REGISTER 6-17:
MAX STEP - MAXIMUM STEP SIZE REGISTER
(ADDRESSES 37H, 47H, 57H, 67H, 77H)
U-0
U-0
RW-0
RW-0
RW-0
RW-0
RW-0
RW-0
—
—
FxMS[5:0]
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-6
Unimplemented bits, read as ‘0’.
bit 5-0
FxMS[5:0]: Fan Drive Max Step size, where “x” represents 1 through 5 based on device features.
REGISTER 6-18:
MIN DRIVE - FAN SETTING DRIVE MINIMUM VALUE REGISTER
(ADDRESSES 38H, 48H, 58H, 68H, 78H)
RW-0
RW-0
RW-0
RW-0
RW-0
RW-0
RW-0
RW-0
FxMS[7:0]
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-0
FxMS[7:0]: Fan Drive Min Step size, where “x” represents 1 through 5 based on device features.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com