Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMC2301 Datasheet(PDF) 44 Page - Microchip Technology

Part # EMC2301
Description  Single/Multiple RPM-Based PWM Fan Controller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC2301 Datasheet(HTML) 44 Page - Microchip Technology

Back Button EMC2301 Datasheet HTML 40Page - Microchip Technology EMC2301 Datasheet HTML 41Page - Microchip Technology EMC2301 Datasheet HTML 42Page - Microchip Technology EMC2301 Datasheet HTML 43Page - Microchip Technology EMC2301 Datasheet HTML 44Page - Microchip Technology EMC2301 Datasheet HTML 45Page - Microchip Technology EMC2301 Datasheet HTML 46Page - Microchip Technology EMC2301 Datasheet HTML 47Page - Microchip Technology EMC2301 Datasheet HTML 48Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 70 page
background image
EMC2301/2/3/5
DS20006532A-page 44
 2021 Microchip Technology Inc.
6.21
Drive Fail Band Registers
The Drive Fail Band registers store the number of tach
counts used by the Fan Drive Fail detection circuitry.
This circuitry is activated when the fan drive setting
high byte is at FFh. When it is enabled, the actual mea-
sured fan speed is compared against the target fan
speed. These registers are only used when the FSC
algorithm is active.
This circuitry is used to indicate that the target fan
speed at full drive is higher than the fan is actually
capable of reaching. If the measured fan speed does
not exceed the target fan speed minus the Fan Drive
Fail Band register settings for a period of time longer
than set by the DFCx[1:0] bits, then the DRIVE_FAIL
status bit will be set and an interrupt generated (see
Section 4.4.4 “Aging Fan or Invalid Drive Detec-
tion”). The contents of Register 6-20 and Register 6-
21 represent the weighting of each bit in determining
the final number of tach counts used by the Fan Drive
Fail detection circuitry.
REGISTER 6-20:
DRIVE FAIL - DRIVE FAIL BAND HIGH BYTE REGISTER
(ADDRESSES 3BH, 4BH, 5BH, 6BH, 7BH)
RW-0
RW-0
RW-0
RW-0
RW-0
RW-0
RW-0
RW-0
FxDF[12:5]
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-0
FxDF[12:5]: Drive Fail Band High Byte, where “x” represents 1 through 5 based on device features.
bit 7
4096
bit 6
2048
bit 5
1024
bit 4
512
bit 3
256
bit 2
128
bit 1
64
bit 0
32
REGISTER 6-21:
DRIVE FAIL - DRIVE FAIL BAND LOW BYTE REGISTER
(ADDRESSES 3AH, 4AH, 5AH, 6AH, 7AH)
RW-0
RW-0
RW-0
RW-0
RW-0
U-0
U-0
U-0
FxDF[4:0]
—
—
—
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-3
FxDF[5:0]: Drive Fail Band Low Byte, where “x” represents 1 through 5 based on device features.
bit 7
16
bit 6
8
bit 5
4
bit 4
2
bit 3
1
bit 2-0
Unimplemented bits, read as ‘0’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com