Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMC2301 Datasheet(PDF) 28 Page - Microchip Technology

Part # EMC2301
Description  Single/Multiple RPM-Based PWM Fan Controller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC2301 Datasheet(HTML) 28 Page - Microchip Technology

Back Button EMC2301 Datasheet HTML 24Page - Microchip Technology EMC2301 Datasheet HTML 25Page - Microchip Technology EMC2301 Datasheet HTML 26Page - Microchip Technology EMC2301 Datasheet HTML 27Page - Microchip Technology EMC2301 Datasheet HTML 28Page - Microchip Technology EMC2301 Datasheet HTML 29Page - Microchip Technology EMC2301 Datasheet HTML 30Page - Microchip Technology EMC2301 Datasheet HTML 31Page - Microchip Technology EMC2301 Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 70 page
background image
EMC2301/2/3/5
DS20006532A-page 28
 2021 Microchip Technology Inc.
6.1
Data Read Interlock
When any temperature channel high byte register is
read, the corresponding low byte is copied into an inter-
nal ‘shadow’ register. The user is free to read the low
byte at any time and be guaranteed that it will corre-
spond to the previously read high byte. Regardless if
the low byte is read or not, reading from the same high
byte register again will automatically refresh this stored
low byte data.
During Power-on Reset (POR), the default values are
stored in the registers. A POR is initiated when power
is first applied to the part and the voltage on the VDD
supply surpasses the POR level as specified in the
electrical characteristics. Any reads to undefined regis-
ters will return 00h. Writes to undefined registers will
not have an effect.
The Lock column in Table 6-1 describes the locking
mechanism, if any, used for individual registers. All
SWL registers are Software Locked and therefore
made read-only when the LOCK bit is set.
Fan 5 Drive Fail
Band Low Byte
7Ah
F5DF4
F5DF3
F5DF2
F5DF1
F5DF0
—
—
—SWL
00h
Fan 5 Drive Fail
Band High Byte
7Bh
F5DF12 F5DF11 F5DF10 F5DF9
F5DF8
F5DF7
F5DF6
F5DF5 SWL
00h
TACH 5 Target
Low Byte
7Ch
F5TT4
F5TT3
F5TT2
F5TT1
F5TT0
—
—
—No
F8h
TACH 5 Target
High Byte
7Dh
F5TT12 F5TT11 F5TT10
F5TT9
F5TT8
F5TT7
F5TT6
F5TT5
No
FFh
TACH 5
Reading High
Byte
7Eh
F5TR12 F5TR11 F5TR10 F5TR9
F5TR8
F5TR7
F5TR6
F5TR5
No
FFh
TACH 5
Reading Low
Byte
7Fh
F5TR4
F5TR3
F5TR2
F5TR1
F5TR0
—
—
—No
F8h
Software Lock
EFh
—
—
—
—
—
—
—LOCK
No
F8h
Product
Features
(EMC2305 and
EMC2303 only)
FCh
—
—
ADR2
ADR1
ADR0
FSP2
FSP1
FSP0
No
00h
Product ID
(EMC2305)
FDh
PID7PID6PID5PID4PID3PID2PID1PID0
No
34h
Product ID
(EMC2303)
FDh
PID7PID6PID5PID4PID3PID2PID1PID0
No
35h
Product ID
(EMC2302)
FDh
PID7PID6PID5PID4PID3PID2PID1PID0
No
36h
Product ID
(EMC2301)
FDh
PID7PID6PID5PID4PID3PID2PID1PID0
No
37h
Manufacturer ID
FEh
MID7
MID6
MID5
MID4
MID3
MID2
MID1
MID0
No
5Dh
Revision
FFh
REV7
REV6
REV5
REV4
REV3
REV2
REV1
REV0
No
80h
TABLE 6-1:
REGISTER SET IN HEXADECIMAL ORDER (CONTINUED)
Register Name
Reg.
Addr.
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Lock
POR
Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com