Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMC2301 Datasheet(PDF) 3 Page - Microchip Technology

Part # EMC2301
Description  Single/Multiple RPM-Based PWM Fan Controller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC2301 Datasheet(HTML) 3 Page - Microchip Technology

  EMC2301 Datasheet HTML 1Page - Microchip Technology EMC2301 Datasheet HTML 2Page - Microchip Technology EMC2301 Datasheet HTML 3Page - Microchip Technology EMC2301 Datasheet HTML 4Page - Microchip Technology EMC2301 Datasheet HTML 5Page - Microchip Technology EMC2301 Datasheet HTML 6Page - Microchip Technology EMC2301 Datasheet HTML 7Page - Microchip Technology EMC2301 Datasheet HTML 8Page - Microchip Technology EMC2301 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 70 page
background image
 2021 Microchip Technology Inc.
DS20006532A-page 3
EMC2301/2/3/5
1.0
ELECTRICAL CHARACTERISTICS
1.1
Electrical Specifications
Absolute Maximum Ratings †
Ambient Temperature Under Bias ...........................................................................................................-40°C to +125°C
Storage Temperature ..............................................................................................................................-55°C to +150°C
Voltage on VDD with respect to GND .............................................................................................................. -0.3V to 4V
Voltage on 5V tolerant pins (|V5VT_pin - VDD| with respect to GND) (see Note 1) ............................................ 0V to 3.6V
Voltage on 5V tolerant pins with respect to GND......................................................................................... -0.3V to 5.5V
Voltage on any other pin with respect to GND ....................................................................................-0.3V to VDD +0.3V
Package Thermal Resistance - Junction to Ambient (θJA) for QFN-16.................................................................40°C/W
Package Thermal Resistance - Junction to Ambient (θJA) for QFN-12.................................................................50°C/W
Package Thermal Resistance - Junction to Ambient (θJA) for MSOP-10............................................................132°C/W
Package Thermal Resistance - Junction to Ambient (θJA) for MSOP-8..............................................................141°C/W
ESD Rating, All Pins, HBM......................................................................................................................................... 2 kV
Note 1: For the 5V tolerant pins that have a pull-up resistor (SMCLK, SMDATA, TACH and ALERT), the pull-up volt-
age must not exceed 3.6V when the device is unpowered.
† Notice: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the
device. This is a stress rating only and functional operation of the device at those or any other conditions above those
indicated in the operational listings of this specification is not implied. Exposure to maximum rating conditions for
extended periods may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com