Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMC2301 Datasheet(PDF) 29 Page - Microchip Technology

Part # EMC2301
Description  Single/Multiple RPM-Based PWM Fan Controller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC2301 Datasheet(HTML) 29 Page - Microchip Technology

Back Button EMC2301 Datasheet HTML 25Page - Microchip Technology EMC2301 Datasheet HTML 26Page - Microchip Technology EMC2301 Datasheet HTML 27Page - Microchip Technology EMC2301 Datasheet HTML 28Page - Microchip Technology EMC2301 Datasheet HTML 29Page - Microchip Technology EMC2301 Datasheet HTML 30Page - Microchip Technology EMC2301 Datasheet HTML 31Page - Microchip Technology EMC2301 Datasheet HTML 32Page - Microchip Technology EMC2301 Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 70 page
background image
 2021 Microchip Technology Inc.
DS20006532A-page 29
EMC2301/2/3/5
6.2
Configuration Register
The Configuration register controls the basic function-
ality of the EMC2301/2/3/5. The Configuration Register
is software locked.
REGISTER 6-1:
CONFIG - CONFIGURATION REGISTER (ADDRESS 20H)
R-0
R-0
R-0
R-0
R-0
R-0
R-0
R-0
MASK
DIS_TO
WD_EN
—
—
—
DRECK
USECK
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
MASK: Blocks the ALERT pin from being asserted
1 = The ALERT pin is masked and will not be asserted.
0 = The ALERT pin is unmasked. If any bit in the status registers is set, the ALERT pin will be asserted
(unless individually masked via the Fan Interrupt Enable Register).
bit 6
DIS_TO: Disables the SMBus Time-Out function for the SMBus client (if enabled)
1 = The SMBus Time-Out function is disabled, allowing the device to be fully I2C compatible.
0 = The SMBus Time-Out function is enabled.
bit 5
WD_EN: Enables the Watchdog Timer (see Section 4.11 “Watchdog Timer”) to operate in
Continuous Mode
1 = The Watchdog Timer operates continuously.
0 = The Watchdog Timer does not operate continuously. It will function upon power-up and at no other
time.
bit 4-2
Unimplemented bits, read as ‘0’.
bit 1
DRECK: Enables the internal tachometer clock to be driven out on the CLK pin so that multiple devices
can be synced to the same source
1 = The CLK pin acts as a clock output and is a push-pull driver.
0 = The CLK pin acts as a clock input.
bit 0
USECK: Enables the EMC2301/2/3/5 to use a clock present on the CLK pin as the tachometer clock.
If the DR_EXT_CLK bit is set, then this bit is ignored and the device will use the internal oscillator.
1 = The EMC2301/2/3/5 will use the oscillator presented on the CLK pin for all tachometer
measurements.
0 = The EMC2301/2/3/5 will use its internal oscillator for all tachometer measurements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com