Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADE9153AACPZ Datasheet(PDF) 38 Page - Analog Devices

Part # ADE9153AACPZ
Description  Energy Metering IC with Autocalibration
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9153AACPZ Datasheet(HTML) 38 Page - Analog Devices

Back Button ADE9153AACPZ Datasheet HTML 34Page - Analog Devices ADE9153AACPZ Datasheet HTML 35Page - Analog Devices ADE9153AACPZ Datasheet HTML 36Page - Analog Devices ADE9153AACPZ Datasheet HTML 37Page - Analog Devices ADE9153AACPZ Datasheet HTML 38Page - Analog Devices ADE9153AACPZ Datasheet HTML 39Page - Analog Devices ADE9153AACPZ Datasheet HTML 40Page - Analog Devices ADE9153AACPZ Datasheet HTML 41Page - Analog Devices ADE9153AACPZ Datasheet HTML 42Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 50 page
background image
ADE9153A
Data Sheet
Rev. 0 | Page 38 of 50
Addr.
Name
Bits
Bit Name
Settings
Description
Reset
Access
0x402
Status
31
CHIP_STAT
When set, this indicates a bit
in the CHIP_STATUS register
is set. This bit is cleared
when CHIP_STATUS is read.
0x0
R
30
EVENT_STAT
When set, this indicates a bit
in the EVENT_STATUS register
is set. This bit is cleared when
EVENT_STATUS is read.
0x0
R
29
MS_STAT
When set, this indicates a bit
in the MS_STATUS_IRQ
register is set. This bit is
cleared when MS_STATUS_
IRQ is read.
0x0
R
[28:26]
Reserved
Reserved.
0x0
R
25
PF_RDY
This bit goes high to
indicate when the power
factor measurements are
updated, every 1.024 sec.
0x0
R/W1
24
CRC_CHG
This bit is set if any of the
registers monitored by the
configuration register CRC
change value. The CRC_RSLT
register holds the new
configuration register CRC
value.
0x0
R/W1
23
CRC_DONE
This bit is set to indicate
when the configuration
register CRC calculation is
complete, after being
initiated by writing to the
FORCE_CRC_UPDATE bit in
the CRC_FORCE register.
0x0
R/W1
22
Reserved
Reserved.
0x0
R
21
ZXTOAV
This bit is set to indicate a
zero-crossing timeout on
the voltage channel; this
means that a zero crossing
on the voltage channel is
missing.
0x0
R/W1
20
ZXBI
This bit is set to 1 to indicate
that a zero crossing is
detected on Current
Channel B.
0x0
R/W1
19
ZXAI
This bit is set to 1 to indicate
that a zero crossing is
detected on Current
Channel A.
0x0
R/W1
18
Reserved
Reserved.
0x0
R
17
ZXAV
This bit is set to 1 to indicate
that a zero crossing is
detected on Voltage
Channel.
0x0
R/W1
16
RSTDONE
This bit is set to indicate that
the IC finished the power-up
sequence after a reset,
which means that the user
can configure the IC via the
SPI port or UART.
0x0
R/W1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com