Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADE9153AACPZ Datasheet(PDF) 47 Page - Analog Devices

Part # ADE9153AACPZ
Description  Energy Metering IC with Autocalibration
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9153AACPZ Datasheet(HTML) 47 Page - Analog Devices

Back Button ADE9153AACPZ Datasheet HTML 42Page - Analog Devices ADE9153AACPZ Datasheet HTML 43Page - Analog Devices ADE9153AACPZ Datasheet HTML 44Page - Analog Devices ADE9153AACPZ Datasheet HTML 45Page - Analog Devices ADE9153AACPZ Datasheet HTML 46Page - Analog Devices ADE9153AACPZ Datasheet HTML 47Page - Analog Devices ADE9153AACPZ Datasheet HTML 48Page - Analog Devices ADE9153AACPZ Datasheet HTML 49Page - Analog Devices ADE9153AACPZ Datasheet HTML 50Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 47 / 50 page
background image
Data Sheet
ADE9153A
Rev. 0 | Page 47 of 50
Addr.
Name
Bits
Bit Name
Settings
Description
Reset
Access
1
EGY_TMR_MODE
This bit determines whether
energy is accumulated based
on the number of 4 kSPS
samples or zero-crossing
events configured in the
EGY_TIME register.
0x0
R/W
0 Accumulate energy based on
4 kSPS samples.
1 Accumulate energy based
on the zero-crossing events.
0
EGY_PWR_EN
Set this bit to enable the
energy and power
accumulator when the run
bit is also set.
0x0
R/W
0x4B4
CRC_FORCE
[15:1]
Reserved
Reserved.
0x0
R
0
FORCE_CRC_UPDATE
Write this bit to force the
configuration register CRC
calculation to start. When
the calculation is complete,
the CRC_DONE bit is set in
the status register.
0x0
W1
0x4B6
TEMP_CFG
[15:4]
Reserved
Reserved.
0x0
R
3
TEMP_START
Set this bit to manually
request a new temperature
sensor reading. The new
temperature reading is
available in 1 ms, indicated by
the TEMP_RDY bit in the
status register. Note that this
bit is self clearing.
0x0
W1
2
TEMP_EN
Set this bit to enable the
temperature sensor.
0x0
R/W
[1:0]
TEMP_TIME
These bits select the
number of temperature
readings to average.
0x0
R/W
0 1 sample. New temperature
measurement every 1ms.
1 256 samples. New
temperature measurement
every 256 ms.
10 512 samples. New
temperature measurement
every 512 ms.
11 1024 samples. New
temperature measurement
every 1 sec.
0x4B7
TEMP_RSLT
[15:12]
Reserved
Reserved.
0x0
R
[11:0]
TEMP_RESULT
12-bit temperature sensor
result
0x0
R
0x4B9
AI_PGAGAIN
[15:5]
Reserved
Reserved.
0x0
R
4
AI_SWAP
This bit sets the signal side
of the PGA, meaning that
the IAP and IAN pins can be
swapped by setting this bit.
This bit must be set to 1 for
proper operation, only set
to 0 if sensor is connected in
reverse.
0x0
R/W
0Signal on IAN.
1Signal on IAP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com