Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADE9153AACPZ Datasheet(PDF) 42 Page - Analog Devices

Part # ADE9153AACPZ
Description  Energy Metering IC with Autocalibration
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9153AACPZ Datasheet(HTML) 42 Page - Analog Devices

Back Button ADE9153AACPZ Datasheet HTML 38Page - Analog Devices ADE9153AACPZ Datasheet HTML 39Page - Analog Devices ADE9153AACPZ Datasheet HTML 40Page - Analog Devices ADE9153AACPZ Datasheet HTML 41Page - Analog Devices ADE9153AACPZ Datasheet HTML 42Page - Analog Devices ADE9153AACPZ Datasheet HTML 43Page - Analog Devices ADE9153AACPZ Datasheet HTML 44Page - Analog Devices ADE9153AACPZ Datasheet HTML 45Page - Analog Devices ADE9153AACPZ Datasheet HTML 46Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 50 page
background image
ADE9153A
Data Sheet
Rev. 0 | Page 42 of 50
Addr.
Name
Bits
Bit Name
Settings
Description
Reset
Access
4
REVPCF1
Set this bit to enabled an
interrupt when the CF1
polarity changed sign.
0x0
R/W
3
Reserved
Reserved.
0x0
R
2
REVRPA
Set this bit to enable an
interrupt when the Phase A
fundamental reactive power
has changed sign.
0x0
R/W
1
Reserved
Reserved.
0x0
R
0
REVAPA
Set this bit to enable an
interrupt when the Phase A
total active power changes
sign.
0x0
R/W
0x409
OI_LVL
[31:24]
Reserved
Reserved.
0x0
R
[23:0]
OILVL_VAL
Overcurrent detection
threshold level.
0xFFFFFF
R/W
0x40A
OIA
[31:24]
Reserved
Reserved.
0x0
R
[23:0]
OIA_VAL
Current Channel A
overcurrent RMS_OC value.
If this phase is enabled with
the OIA_EN bit set in the
CONFIG3 register and
AIRMS_OC is greater than
the OILVL threshold, this
value updates.
0x0
R
0x40B
OIB
[31:24]
Reserved
Reserved.
0x0
R
[23:0]
OIB_VAL
Current Channel B
overcurrent RMS_OC value.
If this phase is enabled with
the OIB_EN bit set in the
CONFIG3 register and
BIRMS_OC is greater than
the OILVL threshold, this
value updates.
0x0
R
0x40F
VLEVEL
[31:24]
Reserved
Reserved.
0x0
R
[23:0]
VLEVEL_VAL
This register is used in the
algorithm that computes
the fundamental reactive
power.
0x45D450
R/W
0x411
DIPA
[31:24]
R
eserved
Reserved.
0x0
R
[23:0]
DIPA_VAL
Voltage channel RMS_OC
value during a dip
condition.
0x7FFFFF
R
0x415
SWELLA
[31:24]
R
eserved
Reserved.
0x0
R
[23:0]
SWELLA_VAL
Voltage channel RMS_OC
value during a swell
condition.
0x0
R
0x41F
PHNOLOAD
[31:3]
R
eserved
Reserved.
0x0
R
2
AFVARNL
This bit is set if the Phase A
fundamental reactive
energy is in no load.
0x0
R/W
1
AVANL
This bit is set if the Phase A
total apparent energy is in
no load.
0x0
R/W
0
AWATTNL
This bit is set if the Phase A
total active energy is in no
load.
0x0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com