Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P87LPC779 Datasheet(PDF) 38 Page - NXP Semiconductors

Part # P87LPC779
Description  CMOS single-chip 8-bit 80C51 microcontroller with 128-byte data RAM, 8 kB OTP
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P87LPC779 Datasheet(HTML) 38 Page - NXP Semiconductors

Back Button P87LPC779 Datasheet HTML 34Page - NXP Semiconductors P87LPC779 Datasheet HTML 35Page - NXP Semiconductors P87LPC779 Datasheet HTML 36Page - NXP Semiconductors P87LPC779 Datasheet HTML 37Page - NXP Semiconductors P87LPC779 Datasheet HTML 38Page - NXP Semiconductors P87LPC779 Datasheet HTML 39Page - NXP Semiconductors P87LPC779 Datasheet HTML 40Page - NXP Semiconductors P87LPC779 Datasheet HTML 41Page - NXP Semiconductors P87LPC779 Datasheet HTML 42Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 74 page
background image
Philips Semiconductors
P87LPC779
CMOS single-chip 8-bit microcontroller
Product data
Rev. 02 — 03 May 2004
38 of 74
9397 750 13213
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
If the Brownout Detect function is not required in an application, it may be disabled,
thus saving power. Brownout Detect is disabled by setting the control bit BOD in the
AUXR1 register (AUXR1.6).
8.11.2
Power-on detection
The Power-on Detect has a function similar to the Brownout Detect, but is designed to
work as power comes up initially, before the power supply voltage reaches a level
where Brownout Detect can work. When this feature is activated, the POF flag in the
PCON register is set to indicate an initial power up condition. The POF flag will
remain set until cleared by software.
8.12 Power reduction modes
The P87LPC779 supports Idle and Power-down modes of power reduction.
8.12.1
Idle mode
The Idle mode leaves peripherals running in order to allow them to activate the
processor when an interrupt is generated. Any enabled interrupt source or Reset may
terminate Idle mode. Idle mode is entered by setting the IDL bit in the PCON register
(see Tables 29 and 30).
8.12.2
Power-down mode
The Power-down mode stops the oscillator in order to absolutely minimize power
consumption. Power-down mode is entered by setting the PD bit in the PCON register
(see Tables 29 and 30).
The processor can be made to exit Power-down mode via Reset or one of the
interrupt sources shown in Table 28. This will occur if the interrupt is enabled and its
priority is higher than any interrupt currently in progress.
In Power-down mode, the power supply voltage may be reduced to the RAM
keep-alive voltage VRAM. This retains the RAM contents at the point where
Power-down mode was entered. SFR contents are not guaranteed after VDD has
been lowered to VRAM, therefore it is recommended to wake up the processor via
Reset in this case. VDD must be raised to within the operating range before the
Power-down mode is exited. Since the Watchdog timer has a separate oscillator, it
may reset the processor upon overflow if it is running during Power-down.
Note that if the Brownout Detect reset is enabled, the processor will be put into reset
as soon as VDD drops below the brownout voltage. If Brownout Detect is configured
as an interrupt and is enabled, it will wake up the processor from Power-down mode
when VDD drops below the brownout voltage.
When the processor wakes up from Power-down mode, it will start the oscillator
immediately and begin execution when the oscillator is stable. Oscillator stability is
determined by counting 1024 CPU clocks after start-up when one of the crystal
oscillator configurations is used, or 256 clocks after start-up for the internal RC or
external clock input configurations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com