Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P87LPC779 Datasheet(PDF) 46 Page - NXP Semiconductors

Part # P87LPC779
Description  CMOS single-chip 8-bit 80C51 microcontroller with 128-byte data RAM, 8 kB OTP
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P87LPC779 Datasheet(HTML) 46 Page - NXP Semiconductors

Back Button P87LPC779 Datasheet HTML 42Page - NXP Semiconductors P87LPC779 Datasheet HTML 43Page - NXP Semiconductors P87LPC779 Datasheet HTML 44Page - NXP Semiconductors P87LPC779 Datasheet HTML 45Page - NXP Semiconductors P87LPC779 Datasheet HTML 46Page - NXP Semiconductors P87LPC779 Datasheet HTML 47Page - NXP Semiconductors P87LPC779 Datasheet HTML 48Page - NXP Semiconductors P87LPC779 Datasheet HTML 49Page - NXP Semiconductors P87LPC779 Datasheet HTML 50Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 74 page
background image
Philips Semiconductors
P87LPC779
CMOS single-chip 8-bit microcontroller
Product data
Rev. 02 — 03 May 2004
46 of 74
9397 750 13213
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
8.15.1
Mode 0
Serial data enters and exits through RxD. TxD outputs the shift clock. 8 bits are
transmitted or received, LSB first. The baud rate is fixed at 1
⁄
6 of the CPU clock
frequency.
8.15.2
Mode 1
10 bits are transmitted (through TxD) or received (through RxD): a start bit (logic 0), 8
data bits (LSB first), and a stop bit (logic 1). When data is received, the stop bit is
stored in RB8 in Special Function Register SCON. The baud rate is variable and is
determined by the Timer1 overflow rate.
8.15.3
Mode 2
11 bits are transmitted (through TxD) or received (through RxD): start bit (logic 0), 8
data bits (LSB first), a programmable 9th data bit, and a stop bit (logic 1). When data
is transmitted, the 9th data bit (TB8 in SCON) can be assigned the value of ‘0’ or ‘1’.
Or, for example, the parity bit (P, in the PSW) could be moved into TB8. When data is
received, the 9th data bit goes into RB8 in Special Function Register SCON, while the
stop bit is ignored. The baud rate is programmable to either 1
⁄
16 or
1
⁄
32 of the CPU
clock frequency, as determined by the SMOD1 bit in PCON.
8.15.4
Mode 3
11 bits are transmitted (through TxD) or received (through RxD): a start bit (logic 0), 8
data bits (LSB first), a programmable 9th data bit, and a stop bit (logic 1). In fact,
Mode 3 is the same as Mode 2 in all respects except baud rate. The baud rate in
Mode 3 is variable and is determined by the Timer1 overflow rate.
In all four modes, transmission is initiated by any instruction that uses SBUF as a
destination register. Reception is initiated in Mode 0 by the condition RI = 0 and
REN = 1. Reception is initiated in the other modes by the incoming start bit if
REN=1.
8.15.5
Serial port control register (SCON)
The serial port control and status register is the Special Function Register SCON,
shown in Tables 36 and 37. This register contains not only the mode selection bits,
but also the 9th data bit for transmit and receive (TB8 and RB8), and the serial port
interrupt bits (TI and RI).
The Framing Error bit (FE) allows detection of missing stop bits in the received data
stream. The FE bit shares the bit position SCON.7 with the SM0 bit. Which bit
appears in SCON at any particular time is determined by the SMOD0 bit in the PCON
register. If SMOD0 = 0, SCON.7 is the SM0 bit. If SMOD0 = 1, SCON.7 is the FE bit.
Once set, the FE bit remains set until it is cleared by software. This allows detection
of framing errors for a group of characters without the need for monitoring it for every
character individually.
Table 36:
SCON - Serial port control register (address 98H) bit allocation
Bit addressable; Reset value: 00H
Bit
7
6
5
4
3
2
1
0
Symbol
FE/SM0
SM1
SM2
REN
TB8
RB8
TI
RI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com