Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P87LPC779 Datasheet(PDF) 52 Page - NXP Semiconductors

Part # P87LPC779
Description  CMOS single-chip 8-bit 80C51 microcontroller with 128-byte data RAM, 8 kB OTP
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P87LPC779 Datasheet(HTML) 52 Page - NXP Semiconductors

Back Button P87LPC779 Datasheet HTML 48Page - NXP Semiconductors P87LPC779 Datasheet HTML 49Page - NXP Semiconductors P87LPC779 Datasheet HTML 50Page - NXP Semiconductors P87LPC779 Datasheet HTML 51Page - NXP Semiconductors P87LPC779 Datasheet HTML 52Page - NXP Semiconductors P87LPC779 Datasheet HTML 53Page - NXP Semiconductors P87LPC779 Datasheet HTML 54Page - NXP Semiconductors P87LPC779 Datasheet HTML 55Page - NXP Semiconductors P87LPC779 Datasheet HTML 56Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 74 page
background image
Philips Semiconductors
P87LPC779
CMOS single-chip 8-bit microcontroller
Product data
Rev. 02 — 03 May 2004
52 of 74
9397 750 13213
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
reset and the unit goes back to looking for another 1-to-0 transition. If the start bit
proves valid, it is shifted into the input shift register, and reception of the rest of the
frame will proceed.
As data bits come in from the right, 1s shift out to the left. When the start bit arrives at
the leftmost position in the shift register (which in Modes 2 and 3 is a 9-bit register), it
flags the RX Control block to do one last shift, load SBUF and RB8, and set RI.
The signal to load SBUF and RB8, and to set RI, will be generated if, and only if, the
following conditions are met at the time the final shift pulse is generated. 1. RI = 0,
and 2. Either SM2 = 0, or the received 9th data bit = 1.
If either of these conditions is not met, the received frame is irretrievably lost, and RI
is not set. If both conditions are met, the received 9th data bit goes into RB8, and the
first 8 data bits go into SBUF. One bit time later, whether the above conditions were
met or not, the unit goes back to looking for a 1-to-0 transition at the RxD input.
8.15.11
Multiprocessor communications
UART modes 2 and 3 have a special provision for multiprocessor communications. In
these modes, 9 data bits are received or transmitted. When data is received, the 9th
bit is stored in RB8. The UART can be programmed such that when the stop bit is
received, the serial port interrupt will be activated only if RB8 = 1. This feature is
enabled by setting bit SM2 in SCON. One way to use this feature in multiprocessor
systems is as follows:
When the master processor wants to transmit a block of data to one of several slaves,
it first sends out an address byte which identifies the target slave. An address byte
differs from a data byte in that the 9th bit is ‘1’ in an address byte and ‘0’ in a data
byte. With SM2 = 1, no slave will be interrupted by a data byte. An address byte,
however, will interrupt all slaves, so that each slave can examine the received byte
and see if it is being addressed. The addressed slave will clear its SM2 bit and
prepare to receive the data bytes that follow. The slaves that weren’t being addressed
leave their SM2 bits set and go on about their business, ignoring the subsequent data
bytes.
SM2 has no effect in Mode 0, and in Mode 1 can be used to check the validity of the
stop bit, although this is better done with the Framing Error flag. In a Mode 1
reception, if SM2 = 1, the receive interrupt will not be activated unless a valid stop bit
is received.
8.15.12
Automatic address recognition
Automatic Address Recognition is a feature which allows the UART to recognize
certain addresses in the serial bit stream by using hardware to make the
comparisons. This feature saves a great deal of software overhead by eliminating the
need for the software to examine every serial address which passes by the serial
port. This feature is enabled by setting the SM2 bit in SCON. In the 9 bit UART
modes, mode 2 and mode 3, the Receive Interrupt flag (RI) will be automatically set
when the received byte contains either the ‘Given’ address or the ‘Broadcast’
address. The 9 bit mode requires that the 9th information bit is a ‘1’ to indicate that
the received information is an address and not data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com