Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P87LPC779 Datasheet(PDF) 40 Page - NXP Semiconductors

Part # P87LPC779
Description  CMOS single-chip 8-bit 80C51 microcontroller with 128-byte data RAM, 8 kB OTP
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P87LPC779 Datasheet(HTML) 40 Page - NXP Semiconductors

Back Button P87LPC779 Datasheet HTML 36Page - NXP Semiconductors P87LPC779 Datasheet HTML 37Page - NXP Semiconductors P87LPC779 Datasheet HTML 38Page - NXP Semiconductors P87LPC779 Datasheet HTML 39Page - NXP Semiconductors P87LPC779 Datasheet HTML 40Page - NXP Semiconductors P87LPC779 Datasheet HTML 41Page - NXP Semiconductors P87LPC779 Datasheet HTML 42Page - NXP Semiconductors P87LPC779 Datasheet HTML 43Page - NXP Semiconductors P87LPC779 Datasheet HTML 44Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 74 page
background image
Philips Semiconductors
P87LPC779
CMOS single-chip 8-bit microcontroller
Product data
Rev. 02 — 03 May 2004
40 of 74
9397 750 13213
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
8.13 Reset
The P87LPC779 has an active LOW reset input when configured for an external
reset. A fully internal reset may also be configured which provides a reset when
power is initially applied to the device. The Watchdog timer can act as an oscillator fail
detect because it uses an independent, fully on-chip oscillator.
The external reset input is disabled, and fully internal reset generation enabled, by
programming the RPD bit in the EPROM configuration register UCFG1 to 0. EPROM
configuration is described in Section 8.18 “EPROM characteristics” on page 61.
4
POF
Power-on Flag. Set automatically when a power-on reset has
occurred. Cleared by software. Refer to the Section 8.11 “Power
monitoring functions” on page 37 for additional information.
3
GF1
General purpose flag 1. May be read or written by user software,
but has no effect on operation.
2
GF0
General purpose flag 0. May be read or written by user software,
but has no effect on operation.
1
PD
Power-down control bit. Setting this bit activates Power-down
mode operation. Cleared when the Power-down mode is
terminated (see text).
0
IDL
Idle mode control bit. Setting this bit activates Idle mode operation.
Cleared when the Idle mode is terminated (see text).
Table 30:
PCON - Power control register (address 87H) bit description…continued
Bit
Symbol
Description
Fig 17. Typical external reset circuits.
002aaa857
87LPC779
P1.5
87LPC779
RST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com