Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P87LPC779 Datasheet(PDF) 66 Page - NXP Semiconductors

Part # P87LPC779
Description  CMOS single-chip 8-bit 80C51 microcontroller with 128-byte data RAM, 8 kB OTP
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P87LPC779 Datasheet(HTML) 66 Page - NXP Semiconductors

Back Button P87LPC779 Datasheet HTML 62Page - NXP Semiconductors P87LPC779 Datasheet HTML 63Page - NXP Semiconductors P87LPC779 Datasheet HTML 64Page - NXP Semiconductors P87LPC779 Datasheet HTML 65Page - NXP Semiconductors P87LPC779 Datasheet HTML 66Page - NXP Semiconductors P87LPC779 Datasheet HTML 67Page - NXP Semiconductors P87LPC779 Datasheet HTML 68Page - NXP Semiconductors P87LPC779 Datasheet HTML 69Page - NXP Semiconductors P87LPC779 Datasheet HTML 70Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 74 page
background image
Philips Semiconductors
P87LPC779
CMOS single-chip 8-bit microcontroller
Product data
Rev. 02 — 03 May 2004
66 of 74
9397 750 13213
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
[1]
Typical ratings are not guaranteed. The values listed are at room temperature, 5 V.
[2]
Ports in quasi-bidirectional mode with weak pull-up (applies to all port pins with pull-ups). Does not apply to open-drain pins.
[3]
Ports in PUSH-PULL mode. Does not apply to open drain pins.
[4]
In all output modes except high impedance mode.
[5]
Port pins source a transition current when used in quasi-bidirectional mode and externally driven from ‘1’ to ‘0’. This current is highest
when VIN is approximately 2 V.
[6]
Measured with port in high-impedance mode. Parameter is guaranteed, but not tested at cold temperature.
[7]
Measured with port in quasi-bidirectional mode.
[8]
Under steady state (non-transient conditions, IOL must be externally limited as follows.
a) Maximum IOL per port pin: 20 mA
b) Maximum IOL for all outputs: 80 mA
c) Maximum IOL for all outputs: 5 mA
If IOL exceeds the test condition, VOL may exceed the related specification. Pins are not guaranteed to sink current greater than the
listed test conditions.
[9]
Pin capacitance is characterized but not tested.
[10] The IDD, IID, and IPD specifications are measured using an external clock with the following functions disabled: comparators, brownout
detect, and Watchdog timer. For VDD = 3 V, LPEP = 1. Refer to the appropriate figure on the following pages for additional current drawn
by each of these functions.
[11] Devices initially operating at VDD = 2.7 V or above and fosc = 10 MHz or less are guaranteed to continue to execute instructions correctly
at the brownout trip point. Initial power-on operation below VDD = 2.7 V is not guaranteed.
[12] Devices initially operating at VDD = 4.0 V or above and fosc = 20 MHz or less are guaranteed to continue to execute instructions correctly
at the brownout trip point. Initial power-on operation below VDD = 4.0 V and fosc > 10 MHz is not guaranteed
VBOLOW
brownout trip voltage with
BOV = 1[11]
2.35
-
2.69
V
VBOHI
brownout trip voltage with
BOV = 0[12]
3.45
3.8
3.99
V
VREF
bandgap reference voltage
1.11
1.26
1.41
V
Table 55:
DC electrical characteristics…continued
VDD = 2.7 V to 5.5 V unless otherwise specified.
Tamb = −40 °C to +85 °C for extended industrial, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ[1]
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com