Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P87LPC779 Datasheet(PDF) 26 Page - NXP Semiconductors

Part # P87LPC779
Description  CMOS single-chip 8-bit 80C51 microcontroller with 128-byte data RAM, 8 kB OTP
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P87LPC779 Datasheet(HTML) 26 Page - NXP Semiconductors

Back Button P87LPC779 Datasheet HTML 22Page - NXP Semiconductors P87LPC779 Datasheet HTML 23Page - NXP Semiconductors P87LPC779 Datasheet HTML 24Page - NXP Semiconductors P87LPC779 Datasheet HTML 25Page - NXP Semiconductors P87LPC779 Datasheet HTML 26Page - NXP Semiconductors P87LPC779 Datasheet HTML 27Page - NXP Semiconductors P87LPC779 Datasheet HTML 28Page - NXP Semiconductors P87LPC779 Datasheet HTML 29Page - NXP Semiconductors P87LPC779 Datasheet HTML 30Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 74 page
background image
Philips Semiconductors
P87LPC779
CMOS single-chip 8-bit microcontroller
Product data
Rev. 02 — 03 May 2004
26 of 74
9397 750 13213
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Values to be used in the CT1 and CT0 bits are shown in Table 18. To allow the
I2C-bus to run at the maximum rate for a particular oscillator frequency, compare the
actual oscillator rate to the fosc max column in the table. The value for CT1 and CT0 is
found in the first line of the table where CPU clock max is greater than or equal to the
actual frequency. Table 18 also shows the machine cycle count for various settings of
CT1/CT0. This allows calculation of the actual minimum high and low times for SCL
as follows:
(3)
For instance, at an 8 MHz frequency, with CT1/CT0 set to 1 0, the minimum SCL high
and low times will be 5.25
µs. Table 18 also shows the Timer I timeout period (given
in machine cycles) for each CT1/CT0 combination. The timeout period varies
because of the way in which minimum SCL high and low times are measured. When
the I2C-bus interface is operating, Timer I is pre-loaded at every SCL transition with a
value dependent upon CT1/CT0. The pre-load value is chosen such that a minimum
SCL high or low time has elapsed when Timer I reaches a count of 008 (the actual
value pre-loaded into Timer I is 8 minus the machine cycle count).
4
TIRUN
Writing a ‘1’ to this bit lets Timer I run; a ‘0’ stops and clears it.
Together with SLAVEN, MASTRQ, and MASTER, this bit
determines operational modes as shown in Table 17.
3, 2
-
Reserved for future use. Should not be set to ‘1’ by user programs.
1, 0
CT1, CT0
These two bits are programmed as a function of the CPU clock
rate, to optimize the MIN HI and LO time of SCL when this device
is a master on the I2C-bus. The time value determined by these
bits controls both of these parameters, and also the timing for stop
and start conditions.
Table 17:
Interaction of TIRUN with SLAVEN, MASTRQ, and MASTER
SLAVEN,
MASTRQ,
MASTER
TIRUN
OPERATING MODE
All 0
0
The I2C-bus interface is disabled. Timer I is cleared and
does not run. This is the state assumed after a reset. If
an I2C-bus application wants to ignore the I2C-bus at
certain times, it should write SLAVEN, MASTRQ, and
TIRUN all to zero.
All 0
1
The I2C-bus interface is disabled.
Any or all 1
0
The I2C-bus interface is enabled. The 3 low-order bits
of Timer I run for min-time generation, but the hi-order
bits do not, so that there is no checking for I2C-bus
being ‘hung.’ This configuration can be used for very
slow I2C-bus operation.
Any or all 1
1
The I2C-bus interface is enabled. Timer I runs during
frames on the I2C-bus, and is cleared by transitions on
SCL, and by Start and Stop conditions. This is the
normal state for I2C-bus operation.
Table 16:
I2CFG - I2C-bus configuration register (address C8h) bit description
Bit
Symbol
Description
SCL min high/low time (in microseconds)
6 * min time count
CPUclock (in MHz)
------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com